Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 9Page - STMicroelectronics STLED524 Datasheet HTML 10Page - STMicroelectronics STLED524 Datasheet HTML 11Page - STMicroelectronics STLED524 Datasheet HTML 12Page - STMicroelectronics STLED524 Datasheet HTML 13Page - STMicroelectronics STLED524 Datasheet HTML 14Page - STMicroelectronics STLED524 Datasheet HTML 15Page - STMicroelectronics STLED524 Datasheet HTML 16Page - STMicroelectronics STLED524 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
DocID026217 Rev 1
13/72
STLED524
Electrical characteristics
TSHDN1
Thermal shutdown (boost and
CM)
150
°C
TSHDN1HYST
Hysteresis
20
TSHDN2
Thermal shutdown (LDO)
170
TSHDN2HYST
Hysteresis
20
LED current
ILED0-LED23
Current matching
ICOLx = 20 mA, VOUT >
VLED+VCSH
5%
ΔILEDx
Absolute channel accuracy
ICOLx = 20 mA, VOUT >
VLED+VCSH
-7.5
+7.5
%
VSET
Voltage reference
RSET = 25 k
1.225
1.25
1.275
V
Current mirror ratio
ILED/ ISET
400
A/A
VCSH
Current source headroom
voltage (COLx to GND)
200
mV
IRIPPLE
LED peak-to-peak current
ripple(2)
VIN = 3.0 V; ILED = 20 mA
in all channels
-15
+15
%
ILED_MAX
Current mirror max. current
RSET = 20 kΩ
22
25
mA
tSET
LED current settling time (current
reaches 90% of the target value)
ICOLx = 20 mA
1
μs
ICOLx = 1 mA
10
Logic inputs: MOSI, SCK, SS
VIL
Low-level input voltage
VIO = 1.8 V to 3.6 V
0.3 VIO
V
VIH
High-level input voltage
VIO = 1.8 V to 3.6 V
0.7 VIO
V
ILK-H
Input leakage current in high-
level
VIO = 3.6 V
2
µA
ILK-L
Input leakage current in low-level VIO = 3.6 V
2
µA
Logic inputs: CLKIN, SYNK, RESET
VIL
Low-level input voltage
VIO = 1.8 V to 3.6 V
0.3 VIO
V
VIH
High-level input voltage
VIO = 1.8 V to 3.6 V
0.7 VIO
V
ILK-H
Input leakage current in high-
level
VIO = 3.6 V
2
µA
ILK-L
Input leakage current in low-level VIO = 3.6 V
2
µA
Logic outputs
VOL
Low-level output voltage
IOL = 2 mA
0.4
V
VOH
High-level output voltage
IOH = 2 mA, VIO = 3.0 V
VIO -0.4
V
Clocks
fOSC
Internal oscillator frequency
VIN = 2.7 V to 5.5 V
540
600
660
kHz
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com