Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 24Page - STMicroelectronics STLED524 Datasheet HTML 25Page - STMicroelectronics STLED524 Datasheet HTML 26Page - STMicroelectronics STLED524 Datasheet HTML 27Page - STMicroelectronics STLED524 Datasheet HTML 28Page - STMicroelectronics STLED524 Datasheet HTML 29Page - STMicroelectronics STLED524 Datasheet HTML 30Page - STMicroelectronics STLED524 Datasheet HTML 31Page - STMicroelectronics STLED524 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
Detailed description
STLED524
28/72
DocID026217 Rev 1
4.5.12
Latch register
Bits in this register are set when the corresponding interrupt occurs and they are latched.
Those bits, which have been set, can only be cleared by reading the register through SPI.
4.5.13
Status register
Bits in the status register are set and reset according to the state of internal signals
(overtemperature, overvoltage etc.). Reading the status register through SPI does not affect
the state of bits.
BSTOK bit is set to 1 when VOUT voltage has reached the target value. The bit is set to 0, if
VOUT is lower than VOUTSET - VBSTOKHYST. VOUTSET is the target output voltage given by
VOUT[3:0] register. VBSTOKHYST is the hysteresis of BST_OK comparator. An interrupt is
generated, it is enabled and BSTOK bit in the latch register is set.
THP bit is set when thermal protection has been activated (when junction temperature
exceeds TSHDN1). The bit is reset if the temperature falls below TSHDN1HYST thermal
protection hysteresis. An interrupt is generated, when THP bit is set, if it is enabled and THP
bit is set in the latch register. When the thermal protection is activated, EN and BSTEN bits
are set to 0. The device has to be re-enabled through SPI to restart the operation. An
interrupt is also generated when THP bit is reset to 0. So the microcontroller can wait for this
interrupt and then re-enable the device.
OVP bit is set when boost output voltage exceeds VOVP threshold. The bit is reset, if the
voltage falls below the hysteresis of OVP threshold. An interrupt is generated, when this bit
is set, if it is enabled and OVP bit in the latch register is set. The boost is disabled
automatically, BSTEN bit is set to 0.
RSET resistance is checked when EN bit is set to 1. If RSET value is too high (or it is not
connected at all), OPEN bit in the status register is set. An interrupt is generated, if it is
enabled and OPEN bit is set in the latch register.
If RSET value is smaller than RSETMIN (typically 14 kΩ), SHORT bit in the status register is
set to 1. An interrupt is generated, if it is enabled. Current mirrors and boost are not
stopped.
STEP bit is set at the beginning of each scroll step. An interrupt is generated, if it is enabled.
It hasn’t a corresponding bit in the status register.
Table 29. Latch register (read only)
Latch
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 41h
BSTOK ROWSC EOSCR
STEP
SHORT
OPEN
THP
OVP
Default
0
0
0000
0
0
Table 30. Status register (read only)
Status
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 42h
BSTOK
-
EOSCR
-
SHORT
OPEN
THP
OVP
Default
001
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com