Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 8Page - STMicroelectronics STLED524 Datasheet HTML 9Page - STMicroelectronics STLED524 Datasheet HTML 10Page - STMicroelectronics STLED524 Datasheet HTML 11Page - STMicroelectronics STLED524 Datasheet HTML 12Page - STMicroelectronics STLED524 Datasheet HTML 13Page - STMicroelectronics STLED524 Datasheet HTML 14Page - STMicroelectronics STLED524 Datasheet HTML 15Page - STMicroelectronics STLED524 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
Electrical characteristics
STLED524
12/72
DocID026217 Rev 1
3
Electrical characteristics
- 30 °C < TA < 85 °C, VIN = 2.7 V; VOUT = 4.0 V; typical values are at TA = 25 °C, unless
otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VIN
Operating power input voltage
range
2.7
3.7
5.5
V
VIO
Supply voltage of I/O pins
1.8
3.6
V
VDD
Digital supply voltage(1)
3.1
V
ISHDN
Shutdown mode
2
10
µA
VUVLO
Undervoltage lockout threshold
(when reset is high)
VUVLOR (VIN rising)
2.5
2.6
V
VUVLOF (VIN falling)
2.3
2.4
Boost
fSW
Switching frequency
2.16
2.4
2.64
MHz
IOUT
Continuous output current
VIN = 3.5 V
480
mA
VOUT
Boost output voltage
VIN = 3.0 V
2.8
4.6
V
IPK
Inductor peak current
1.5
A
η
Boost efficiency
(VIN = 3.7 V; VOUT = 4.0 V)
IOUT = 350 mA (PS mode)
92
%
VOVP
Overvoltage protection
5.8
6
V
VOVPHYST
Overvoltage protection
hysteresis
200
mV
VBSTOKHYST
Hysteresis of BST_OK
comparator
250
mV
LDO
VSUP
LDO output voltage
VIN = 3.3 V
3.1
V
ΔVSUP
LDO output accuracy
VIN = 3.3 V IOUT = 1 mA
2
3
%
ILDO
LDO output current
VIN = 3.3 V
80
100
mA
IQ
LDO quiescent current
VIN = 3.3 V IOUT = 80 mA
1.4
µA
Thermal protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com