Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 45Page - STMicroelectronics STLED524 Datasheet HTML 46Page - STMicroelectronics STLED524 Datasheet HTML 47Page - STMicroelectronics STLED524 Datasheet HTML 48Page - STMicroelectronics STLED524 Datasheet HTML 49Page - STMicroelectronics STLED524 Datasheet HTML 50Page - STMicroelectronics STLED524 Datasheet HTML 51Page - STMicroelectronics STLED524 Datasheet HTML 52Page - STMicroelectronics STLED524 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
DocID026217 Rev 1
49/72
STLED524
Detailed description
4.10.3
Thermal protection
There are two thermal sensors inside the chip. The former protects boost and current
mirrors. The latter protects LDO. Boost thermal protection and current mirrors have
TSHDN1 threshold (150 °C) and 20 °C hysteresis, while LDO thermal protection has
TSHDN2 threshold (170 °C) and 20 °C hysteresis.
If the chip temperature reaches the first TSHDN1 threshold, boost and current mirrors are
automatically disabled (EN bit and BSTEN bit are reset). An interrupt is generated, if it is
enabled and THP in the latch register is set. If the chip temperature goes below thermal
shutdown hysteresis, an interrupt is generated, THP bit in the status register is reset and
THP bit in the latch register is set. Boost and current mirrors are not re-enabled
automatically; the microcontroller can do it.
If the microcontroller tries to re-enable boost and current mirrors, when THP is active, boost
and current mirrors stay off.
When LDO temperature reaches TSHDN2 threshold, it is turned off. If LDO supplies the
digital part, the content of patterns and all settings in the control registers are lost. LDO is re-
enabled automatically, as soon as its temperature goes below TSHDN2HYST
overtemperature hysteresis.
4.10.4
Open ISET protection
When EN bit is set to 1, REFSEL bit is set to 0 and ISET pin is opened or RSET resistor
value is higher than 270 k
Ω typically, then current mirrors are turned off. Boost operation is
not touched. OPEN bit is set in the status register and an interrupt is generated, if it is
enabled and OPEN bit in the latch register is set. EN bit is not touched, but current mirrors
are disabled. In this situation the microcontroller has the possibility to set REFSEL bit to 1 in
the clock register and run with the internal reference for the current mirrors.
4.10.5
Short ISET protection
When EN bit is set to 1, REFSEL bit is set to 0 and ISET pin is shorted or RSET value is
lower than 14 k
Ω, then current mirrors are turned off. Boost operation is not touched.
SHORT bit is set in the status register and an interrupt is generated, if it is enabled and
SHORT bit in the latch register is set. EN bit is not touched, but current mirrors are disabled.
In this situation the microcontroller has the possibility to set REFSEL bit to 1 in the clock
register and run with the internal reference for the current mirrors.
4.10.6
Row transistor protection
If any of 5-row pins is shorted to GND, current mirrors are disabled and EN bit is reset. An
interrupt is generated, if it is enabled and ROWSC bit in the latch register is set.
4.10.7
Boost output voltage OK
When boost output voltage reaches the target value given by VOUT register (VOUTSET),
BSTOK bit in the status register is set to 1. An interrupt is generated, if it is enabled. BSTOK
bit in the latch register is set to 1. When boost output voltage falls below VOUTSET,
VBSTOKHYST, BSTOK bit is reset and an interrupt is generated, if it is enabled. BSTOK bit
hasn’t any impact on boost or current mirrors. The microcontroller can decide whether to
stop operation of the display or not, if boost output voltage is not sufficient (BSTOK = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com