Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 11Page - STMicroelectronics STLED524 Datasheet HTML 12Page - STMicroelectronics STLED524 Datasheet HTML 13Page - STMicroelectronics STLED524 Datasheet HTML 14Page - STMicroelectronics STLED524 Datasheet HTML 15Page - STMicroelectronics STLED524 Datasheet HTML 16Page - STMicroelectronics STLED524 Datasheet HTML 17Page - STMicroelectronics STLED524 Datasheet HTML 18Page - STMicroelectronics STLED524 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
DocID026217 Rev 1
15/72
STLED524
Detailed description
4
Detailed description
The STLED524 is a 5x24 LED dot matrix display driver. It includes 24 low-side current
mirrors (for each LED in a row). Rows are multiplexed by 5 internal PMOS transistors.
Current mirrors are supplied by the integrated boost converter. Its output voltage is
adjustable so it can be adapted to the forward voltage of LEDs. It reduces power dissipation
and improves efficiency.
4.1
Boost converter
The step-up bridge with current mode control regulation provides output voltage according
to the value of VOUT[3:0] register. This voltage should be adjusted to be high enough to
provide sufficient headroom to regulate current sources connected to COL 0-23 pins. On the
other hand, keeping boost output voltage unnecessarily high, increases power dissipation
and degrades efficiency.
Boost incorporates a zero current comparator. When the input voltage is close to the output
voltage, pulse-skipping is applied to keep the output voltage regulated.
If the input voltage is higher than desired output voltage, boost switches to bypass mode
automatically. In this mode, the output voltage is equal to the input voltage lowered by
voltage drop on the PMOS transistor.
Boost converter is enabled only when BSTEN bit in the boost control register is set to 1.
VOUT setting shouldn’t be changed when boost is on (BSTEN=1).
BSTEN = 0, boost is disabled
BSTEN = 1, boost is enabled
One step = 120 mV
Table 7. Boost control register bits
Boost control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 16h
BSTEN
-
-
-
VOUT3
VOUT2
VOUT1
VOUT0
Default
000
0101
0
Table 8. Boost output voltage
VOUT[3:0]
0001
0203040506
0708
09
0A
0B
0C
0D
0E
0F
VOUT[V]
2.80 2.92 3.04 3.16 3.28 3.40 3.52 3.64 3.76 3.88 4.00 4.12 4.24 4.36 4.48 4.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com