Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 57Page - STMicroelectronics STLED524 Datasheet HTML 58Page - STMicroelectronics STLED524 Datasheet HTML 59Page - STMicroelectronics STLED524 Datasheet HTML 60Page - STMicroelectronics STLED524 Datasheet HTML 61Page - STMicroelectronics STLED524 Datasheet HTML 62Page - STMicroelectronics STLED524 Datasheet HTML 63Page - STMicroelectronics STLED524 Datasheet HTML 64Page - STMicroelectronics STLED524 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
6.1.4
Example 4 - delay settings
Dots, creating number 0, have dimming set to 255, slope to 1 and delay to 0. Dots, creating number 2, have dimming set to 255,
slope to 1 and delay to 1. Dots, creating number 2, have dimming set to 255, slope to 1 and delay to 2. Dots, creating number 3,
have dimming set to 255, slope to 1 and delay to 3. When this pattern is displayed with SLPEN=1, brightness of all numbers ramps
up/down at the same speed. Ramping of number 1 is delayed by 1 phase compared to number 0. Ramping of number 2 is delayed
by 2 phases compared to number 0. Ramping of number 3 is delayed by 3 phases compared to number 0.
Figure 29. Example 4
GIPG2103141154LM
Table 58. Pattern data for example 4
Row
0
1
2
3
4
Col.
Add
Dimm.
S&D
Add
Dimm.
S&D
Add
Dimm.
S&D
Add
Dimm.
S&D
Add
Dimm.
S&D
A
0x00
0x00
0x00
0x02
0x00
0x00
0x04
0x00
0x00
0x06
0x00
0x00
0x08
0x00
0x00
B
0x0A
0x00
0x00
0x0C
0xFF
0x04
0x0E
0x00
0x00
0x10
0x00
0x00
0x12
0x00
0x00
C
0x14
0xFF
0x04
0x16
0xFF
0x04
0x18
0xFF
0x04
0x1A
0xFF
0x04
0x1C
0xFF
0x04
D
0x1E
0xFF
0x04
0x20
0xFF
0x04
0x22
0xFF
0x04
0x24
0xFF
0x04
0x26
0xFF
0x04
E
0x28
0x00
0x00
0x2A
0x00
0x00
0x2C
0x00
0x00
0x2E
0x00
0x00
0x30
0x00
0x00
F
0x32
0x00
0x00
0x34
0x00
0x00
0x36
0x00
0x00
0x38
0x00
0x00
0x3A
0x00
0x00
G
0x3C
0x00
0x00
0x3E
0x00
0x00
0x40
0x00
0x00
0x42
0x00
0x00
0x44
0x00
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com