Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 42Page - STMicroelectronics STLED524 Datasheet HTML 43Page - STMicroelectronics STLED524 Datasheet HTML 44Page - STMicroelectronics STLED524 Datasheet HTML 45Page - STMicroelectronics STLED524 Datasheet HTML 46Page - STMicroelectronics STLED524 Datasheet HTML 47Page - STMicroelectronics STLED524 Datasheet HTML 48Page - STMicroelectronics STLED524 Datasheet HTML 49Page - STMicroelectronics STLED524 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
Detailed description
STLED524
46/72
DocID026217 Rev 1
4.9.4
Writing and reading multiple bytes at once
Figure 23. Multiple byte writing at once
Table 50. SPI timings
Symbol
Parameter
Min.
Typ.
Max.
Unit
fC
Clock frequency
DC
20
MHz
tSLCH
SS active set-up time
20
ns
tSHCH
SS not active set-up time
10
ns
tSHSL
SS deselect time
100
ns
tCHSH
SS active hold time
20
ns
tCHSL
SS not active hold time
10
ns
tCH
Clock high time
20
ns
tCL
Clock low time
20
ns
tCLCH
Clock rise time
5
ns
tCHCL
Clock fall time
5
ns
tDVCH
Data in set-up time
4
ns
tCHDX
Data in hold time
5
ns
tSHQZ
Output disable time
20
ns
tCLQV
Clock low to output valid
23
ns
tCLQX
Output hold time
0
ns
tQLQH
Output rise time
10
ns
tQHQL
Output fall time
10
ns
GIPG2103141112LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com