Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 49Page - STMicroelectronics STLED524 Datasheet HTML 50Page - STMicroelectronics STLED524 Datasheet HTML 51Page - STMicroelectronics STLED524 Datasheet HTML 52Page - STMicroelectronics STLED524 Datasheet HTML 53Page - STMicroelectronics STLED524 Datasheet HTML 54Page - STMicroelectronics STLED524 Datasheet HTML 55Page - STMicroelectronics STLED524 Datasheet HTML 56Page - STMicroelectronics STLED524 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
Column
lock 1
33h
COLCK7
COLCK6
COLCK5
COLCK4
COLCK3
COLCK2
COLCK1
COLCK0
0
0
00
0
000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Column
lock 2
34h
COLCK15
COLCK14
COLCK13
COLCK12
COLCK11
COLCK10
COLCK9
COLCK8
0
0
00
0
000
-
-
R/W
R/W
R/W
R/W
R/W
R/W
Column
lock 3
35h
COLCK23
COLCK22
COLCK21
COLCK20
COLCK19
COLCK18
COLCK17
COLCK16
0
0
00
0
000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Row lock
36h
-
-
-
ROWLCK4
ROWLCK3
ROWLCK2
ROWLCK1
ROWLCK0
0
0
00
0
000
-
-
-
R/W
R/W
R/W
R/W
R/W
Section D: interrupts
Interrupt
enable
40h
BST_OK_M
ROWSC_M
EOSCR_M
STEP_M
SHORT_M
OPEN_M
THP_M
OVP_M
0
0
00
0
000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Latch
41h
BST_OK
ROWSC
EOSCR
STEP
SHORT
OPEN
THP
OVP
0
0
00
0
000
RCLEAR
RCLEAR
RCLEAR
RCLEAR
RCLEAR
RCLEAR
RCLEAR
RCLEAR
Status
42h
BST_OK
ROWSC
EOSCR
-
SHORT
OPEN
THP
OVP
0
0
10
0
000
RR
R
-
R
R
R
R
Table 54. List of control registers (continued)
Name
Add
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com