Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 22Page - STMicroelectronics STLED524 Datasheet HTML 23Page - STMicroelectronics STLED524 Datasheet HTML 24Page - STMicroelectronics STLED524 Datasheet HTML 25Page - STMicroelectronics STLED524 Datasheet HTML 26Page - STMicroelectronics STLED524 Datasheet HTML 27Page - STMicroelectronics STLED524 Datasheet HTML 28Page - STMicroelectronics STLED524 Datasheet HTML 29Page - STMicroelectronics STLED524 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
Detailed description
STLED524
26/72
DocID026217 Rev 1
Note:
Setting EN=0, the display turns off immediately.
If PWM is enabled / disabled while a slope cycle is running, new PWM settings have effect
as described in PWM control register.
When SLPEN is set to 0, slope is disabled immediately, regardless of the current slope
status for each dot.
When SCRLEN is set to 0, the display reverts immediately to its target pattern (given by
DISP bit values), aborting any scrolling cycle.
4.5.9
PWM control register
This register is used to set PWM duty cycle.
PWM[7:0] represents PWM duty cycle value
PWM[7:0] = 0x00h represents 0/255 duty cycle (0%)
PWM[7:0] = 0x01h represents 1/255 duty cycle (0.4%)
PWM[7:0] = 0x80h represents 128/255 duty cycle (50.2%)
PWM[7:0] = 0xFFh represents 255/255 duty cycle (100%)
PWM control register is accessible anytime, but a change of its value is evident only if PWM
operation is enabled (PWMEN=1). PWM is a global setting valid for all dots.
PWM duty cycle changes next frame period.
If slope operation is active, new settings of PWM are applied according to slope cycle
evolution:
During slope phase 1 (PWM ramp-up), PWM setting change is applied only if PWM
value is lower than the new value.
During slope phase 2 (PWM at maximum), PWM setting change is ignored and it takes
effect during next slope cycle.
During 3 and 4 slope phase, new PWM settings don't have any effect and they take
effect during next slope cycle.
If blanking time is longer than default, the highest values in PWM register are not valid and
the maximum allowed value is applied. See Section 4.2.1.
Table 27. PWM control register
PWM control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 21h
PWM[7:0]
Default
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com