Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 7Page - STMicroelectronics STLED524 Datasheet HTML 8Page - STMicroelectronics STLED524 Datasheet HTML 9Page - STMicroelectronics STLED524 Datasheet HTML 10Page - STMicroelectronics STLED524 Datasheet HTML 11Page - STMicroelectronics STLED524 Datasheet HTML 12Page - STMicroelectronics STLED524 Datasheet HTML 13Page - STMicroelectronics STLED524 Datasheet HTML 14Page - STMicroelectronics STLED524 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
DocID026217 Rev 1
11/72
STLED524
Absolute maximum ratings
2
Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Note:
This parameter corresponds to the PCB board, 8 layers with 1 inch2 of cooling area.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VBAT1, VBAT2
Supply voltage
-0.3 to +6
V
SW
Switching node
-0.3 to +6
V
VOUT
Output voltage
-0.3 to +6
V
VSUP
LDO output voltage
-0.3 to 3.6
V
VDD
Logic supply voltage
-0.3 to 3.6
V
VIO
I/O pin supply voltage
-0.3 to 3.6
V
ROW 0-4
Row switches
-0.3 to VOUT +0.3
V
COL 0-23
Column current mirrors
-0.3 to +6
V
MISO, MOSI, SCK, SS,
INT, THA, CLKIN,
CLKOUT, SYNC,
RESET
Signal pins
-0.3 to +6
V
ISET
Current setting
-0.3 to 2
V
ESD
Machine model
±200
V
Human body model
±2000
Charged device model
±250
TAMB
Operating ambient temperature
-30 to 85
°C
TJ
Maximum operating junction temperature
+125
°C
TSTG
Storage temperature
-40 to 150
°C
Table 5. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
62
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com