Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 5Page - STMicroelectronics STLED524 Datasheet HTML 6Page - STMicroelectronics STLED524 Datasheet HTML 7Page - STMicroelectronics STLED524 Datasheet HTML 8Page - STMicroelectronics STLED524 Datasheet HTML 9Page - STMicroelectronics STLED524 Datasheet HTML 10Page - STMicroelectronics STLED524 Datasheet HTML 11Page - STMicroelectronics STLED524 Datasheet HTML 12Page - STMicroelectronics STLED524 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
DocID026217 Rev 1
9/72
STLED524
Application schematic
Note:
All above components refer to a typical application. The device operation is not limited to the
choice of these external components.
Figure 2. Pin configuration (top view)
Table 2. Typical external components
Component
Manufacturer
Part number
Value
Size
C1
Murata
GRM188R60J106ME84D
10 µF
0603
C2
Murata
GRM188R60J106ME84D
10 µF
0603
C3
Murata
GRM188R60J106ME84D
10 µF
0603
C4
Murata
GRM21AR60J226ME47L
22 µF
0805
C5
Murata
GRM21AR60J226ME47L
22 µF
0805
L
Murata
LQM2HPN1R0MJC
1.0 µH
2.0x1.6x0.9 mm
RSET
25 k
0402
R1
15 k
0402
1
2
3
4
5
6
7
A
GND
VDD
RESET
VSUP
VBAT1
PGND
PGND
B
CLKOUT
CLKIN
SCK
ISET
LDOGND
SW
SW
C
MISO
MOSI
INT
TEST
VBAT2
VOUT
VOUT
D
VIO
SYNC
SS
COL23
COL0
AGND1
ROW0
E
COL21
COL20
COL19
COL22
COL8
COL1
ROW1
F
COL18
COL17
COL15
COL9
COL3
COL2
ROW2
G
COL16
COL13
COL11
AGND2
COL6
COL4
ROW3
H
COL14
COL12
COL10
AGND2
COL7
COL5
ROW4
MISO
GIPG2702141312LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com