Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 17Page - STMicroelectronics STLED524 Datasheet HTML 18Page - STMicroelectronics STLED524 Datasheet HTML 19Page - STMicroelectronics STLED524 Datasheet HTML 20Page - STMicroelectronics STLED524 Datasheet HTML 21Page - STMicroelectronics STLED524 Datasheet HTML 22Page - STMicroelectronics STLED524 Datasheet HTML 23Page - STMicroelectronics STLED524 Datasheet HTML 24Page - STMicroelectronics STLED524 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
DocID026217 Rev 1
21/72
STLED524
Detailed description
4.5
Description of registers
4.5.1
Software control register
When CLR1 is set to 1, pattern 1 is cleared, (dimming, slope and delay of all dots are set to
0) then it is set to 0 automatically.
When CLR2 is set to 1, pattern 2 is cleared, (dimming, slope and delay of all dots are set to
0) then it is set to 0 automatically.
If SWRST bit is set to 1, content of all registers is set to default values and SWRST bit is
cleared automatically.
If EN = 0, display is off
If EN = 1, display is on
4.5.2
Display control register
DISP1 and DISP2 bits define which pattern is displayed, see Table 18.
DISP bits can be written by SPI anytime, but the display change (from pattern 1 to pattern 2
or vice versa) is performed according to the following rules:
On next frame, if the display is on and scroll features are disabled (EN=1, SCRLEN=0).
If SCRLEN=1 and EN=1, scroll operation starts according to the scroll setup.
Table 16. Software control register
Software control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 00h
SWRST
-
-
-
-
CLR2
CLR1
EN
Default
000
0000
0
Table 17. Display control register
Display control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 01h
-
-
----
DISP2
DISP1
Default
000
0000
0
Table 18. DISP bits
DISP2
DISP1
Displayed pattern
0
0
No pattern is displayed (blank screen)
0
1
Pattern 1 is displayed
1
0
Pattern 2 is displayed
1
1
No pattern is displayed (blank screen)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com