Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 20Page - STMicroelectronics STLED524 Datasheet HTML 21Page - STMicroelectronics STLED524 Datasheet HTML 22Page - STMicroelectronics STLED524 Datasheet HTML 23Page - STMicroelectronics STLED524 Datasheet HTML 24Page - STMicroelectronics STLED524 Datasheet HTML 25Page - STMicroelectronics STLED524 Datasheet HTML 26Page - STMicroelectronics STLED524 Datasheet HTML 27Page - STMicroelectronics STLED524 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
Detailed description
STLED524
24/72
DocID026217 Rev 1
COL<i>EN = 0, column <i> is disabled
COL<i>EN = 1, column <i> is enabled
These bits can be read or written in any configuration, but these registers should be
changed when EN=0.
4.5.5
Row control register
This register is used to enable/disable rows of the matrix.
ROW<i>EN = 0, row <i> is disabled
ROW<i>EN = 1, row <i> is enabled
These bits can be read or written in any configuration, but these registers should be
registerd when EN=0.
4.5.6
Blanking time register
This register sets the blanking time duration.
Table 22. Column control 2 register
Column
control 2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 12h
COL15EN
COL14EN
COL13EN
COL12EN
COL11EN
COL10EN
COL9EN
COL8EN
Default
11111
1
1
1
Table 23. Column control 3 register
Column control
3
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 13h
COL23EN COL22EN COL21EN COL20EN COL19EN COL18EN COL17EN COL16EN
Default
1
111
1111
Table 24. Row control register
Row control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 14h
-
-
-
ROW4EN ROW3EN ROW2EN ROW1EN ROW0EN
Default
0
0
0
1
111
1
Table 25. Blanking time duration
Blanking time
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 16h
-
-
-
-
-
BLK[2:0]
Default
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com