Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 32Page - STMicroelectronics STLED524 Datasheet HTML 33Page - STMicroelectronics STLED524 Datasheet HTML 34Page - STMicroelectronics STLED524 Datasheet HTML 35Page - STMicroelectronics STLED524 Datasheet HTML 36Page - STMicroelectronics STLED524 Datasheet HTML 37Page - STMicroelectronics STLED524 Datasheet HTML 38Page - STMicroelectronics STLED524 Datasheet HTML 39Page - STMicroelectronics STLED524 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
Detailed description
STLED524
36/72
DocID026217 Rev 1
P1 = pattern 1, P2 = pattern 2, B = blank display, Brc = blank rows/columns
Figure 9 shows a scroll operation in vertical direction (5 steps). No blank column or row is
inserted and wait time is disabled. As for horizontal direction, the only difference is the
number of scroll steps (24 instead of 5). EOSCR bit is set to 1 in the 24th step.
Figure 9. Basic scroll operation
Figure 10 shows a scroll operation with blank row/column insertion enabled. S is the
number of standard scroll steps (with blank row/column insertion disabled). S = 24 for
horizontal direction and 5 in case of vertical direction, n is the number of blank
rows/columns to be inserted.
01
00
1
P1
→ Brc →B
01
01
1
P1
→ Brc →P1 (rotation)
01
10
1
P1
→ Brc →P2
10
00
1
P2
→ Brc →B
10
01
1
P2
→ Brc →P1
10
10
1
P2
→ Brc →P2 (rotation)
Table 46. List of all scroll operations (continued)
DISP (act)
DISP (new)
BRCEN
GIPG210314953LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com