Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 19Page - STMicroelectronics STLED524 Datasheet HTML 20Page - STMicroelectronics STLED524 Datasheet HTML 21Page - STMicroelectronics STLED524 Datasheet HTML 22Page - STMicroelectronics STLED524 Datasheet HTML 23Page - STMicroelectronics STLED524 Datasheet HTML 24Page - STMicroelectronics STLED524 Datasheet HTML 25Page - STMicroelectronics STLED524 Datasheet HTML 26Page - STMicroelectronics STLED524 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
DocID026217 Rev 1
23/72
STLED524
Detailed description
4.5.4
Column control register
These registers are used to enable/disable columns of the matrix.
Table 20. SYNC pin behavior
SYNCEN bit
SYNCSEL bit
SYNC pin
Operation
0
0
0
Not synchronized
0
0
1
Not synchronized
0
1
0
Not synchronized
0
1
1
Not synchronized
1
0
0
Synchronized, but the bit change has immediate effect
10
1
Synchronized, the operation is delayed, until SYNC pin
is 0
11
0
Synchronized, the operation is delayed, until SYNC pin
is 1
1
1
1
Synchronized, but bit change has immediate effect
Table 21. Column control 1 register
Column
control 1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 11h
COL7EN COL6EN COL5EN COL4EN COL3EN COL2EN COL1EN COL0EN
Default
1
11
11
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com