Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 62Page - STMicroelectronics STLED524 Datasheet HTML 63Page - STMicroelectronics STLED524 Datasheet HTML 64Page - STMicroelectronics STLED524 Datasheet HTML 65Page - STMicroelectronics STLED524 Datasheet HTML 66Page - STMicroelectronics STLED524 Datasheet HTML 67Page - STMicroelectronics STLED524 Datasheet HTML 68Page - STMicroelectronics STLED524 Datasheet HTML 69Page - STMicroelectronics STLED524 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
Application information
STLED524
66/72
DocID026217 Rev 1
6.2.3
Example 8 - how to enable PWM operation
Pattern has already been loaded into pattern 1 memory. In this example, we display pattern
1 with 50% of brightness which is achieved by enabling PWM.
First of all, we enable PWM operation and set PWM register to 128 by using data in
Table 65.
Byte 1 represents SPI command to write to the control register memory.
Byte 2 is the address where the writing starts.
Byte 3 contains data written to address 20h (display visual control register).
Byte 4 contains data written to address 21h (PWM control register).
As per example 6, we display pattern 1 by writing data to Table 66.
6.2.4
Example 8 - scroll operation
In this example we scroll with 2 blank rows and a speed set to 5. Pattern 2 replaces pattern
1. Both patterns, 1 and 2, have already been loaded into pattern memory according to
example 5. Scroll operation should start with pattern 1, so we display pattern 1 first by
writing data to Table 67.
Table 63. SPI data to display pattern 1
Byte index
1
2
3
4
Data
0x00
0x00
0x01
0x01
Table 64. SPI data to display pattern 2
Byte index
1
2
3
4
Data
0x00
0x00
0x01
0x02
Table 65. SPI data to enable PWM operation (PWM control register = 128)
Byte index
1
2
3
4
Data
0x00
0x20
0x02
0x80
Table 66. SPI data to display in pattern 1
Byte index
1
2
3
4
Data
0x00
0x00
0x01
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com