Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 63Page - STMicroelectronics STLED524 Datasheet HTML 64Page - STMicroelectronics STLED524 Datasheet HTML 65Page - STMicroelectronics STLED524 Datasheet HTML 66Page - STMicroelectronics STLED524 Datasheet HTML 67Page - STMicroelectronics STLED524 Datasheet HTML 68Page - STMicroelectronics STLED524 Datasheet HTML 69Page - STMicroelectronics STLED524 Datasheet HTML 70Page - STMicroelectronics STLED524 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
DocID026217 Rev 1
67/72
STLED524
Application information
Scroll parameters have to be set by writing data:
Byte 1 represents SPI command to write to the control register memory.
Byte 2 is the address where writing starts.
Byte 3 contains data written to address 30h (scroll control 1 register). This sets the scroll
speed to 5 and direction.
Byte 4 contains data that are written to address 31h (scroll control 2 register). This sets the
number of blank rows to 2.
Scroll and insertion of blank rows/columns have to be enabled by writing to the display
visual control register, in the following table:
Byte 1 represents SPI command to write to the control register memory.
Byte 2 is the address where the writing starts.
Byte 3 contains data written to address 20h (display control register). Value 24h enables
insertion of blank columns/rows and enables the scroll.
Scroll operation starts by writing to the display control register. This changes DISP bit value
from 01 to 10 and so the scroll operation begins. Pattern 1 is replaced by pattern 2.
Byte 1 represents SPI command to write to the control register memory.
Byte 2 is the address where the writing starts.
Byte 3 contains data written to address 01h (display control register).
Table 67. SPI data to display in pattern 1(example 5)
Byte index
1
2
3
4
Data
0x00
0x00
0x01
0x01
Table 68. SPI data for scroll setup
Byte index
1
2
3
4
Data
0x00
0x30
0x13
0x40
Table 69. SPI data to enable scroll operation with blank rows/columns
Byte index
1
2
3
Data
0x00
0x20
0x24
Table 70. SPI data to start scroll operation
Byte index
1
2
3
Data
0x00
0x01
0x02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com