Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 46Page - STMicroelectronics STLED524 Datasheet HTML 47Page - STMicroelectronics STLED524 Datasheet HTML 48Page - STMicroelectronics STLED524 Datasheet HTML 49Page - STMicroelectronics STLED524 Datasheet HTML 50Page - STMicroelectronics STLED524 Datasheet HTML 51Page - STMicroelectronics STLED524 Datasheet HTML 52Page - STMicroelectronics STLED524 Datasheet HTML 53Page - STMicroelectronics STLED524 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
Detailed description
STLED524
50/72
DocID026217 Rev 1
Figure 25. BSTOK bit behavior
4.10.8
EOSCR and step interrupts
Functions of these two interrupts are described in Section 4.7.3.
4.11
Shutdown mode
When the device is in shutdown mode, its power consumption is minimized. It is not possible
to write data to any register over SPI. RESET/PWRDN pin has to be low to keep the device
in shutdown mode. LDO is always alive regardless of the level on RESET/PWRDN pin.
SCK, MOSI, SS, SYNC and CLKIN logic input pins can increase power consumption, if they
are left floating. These pins should be connected to either logic 0 or logic 1 in shutdown
mode. Thanks to this condition, the minimum power consumption can be achieved. INT pin
is pulled up typically. If this pin is not used in the application, it can be left floating in
shutdown mode without any negative impact on power consumption. Do not pull this pin
down in shutdown mode as it increases power consumption. MISO pin is in high Z state,
when the device is in shutdown mode. So it can be left floating or it can be pulled up or down
without any effect on power consumption in shutdown mode. CLKOUT pin is driven low
internally in shutdown mode. So it can be left floating in shutdown mode. Do not pull this pin
up in shutdown mode as it increases power consumption.
4.12
Undervoltage lockout
If the input voltage falls below VUVLOF threshold, the device enters the undervoltage
lockout. Boost and drivers are turned off. LDO is not turned off. When the input voltage rises
above VUVLOR, patterns have to be loaded again and the device has to be re-enabled,
because it is not guaranteed that the digital section can keep data during the undervoltage
lockout.
GIPG2103141128LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com