Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 23Page - STMicroelectronics STLED524 Datasheet HTML 24Page - STMicroelectronics STLED524 Datasheet HTML 25Page - STMicroelectronics STLED524 Datasheet HTML 26Page - STMicroelectronics STLED524 Datasheet HTML 27Page - STMicroelectronics STLED524 Datasheet HTML 28Page - STMicroelectronics STLED524 Datasheet HTML 29Page - STMicroelectronics STLED524 Datasheet HTML 30Page - STMicroelectronics STLED524 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
DocID026217 Rev 1
27/72
STLED524
Detailed description
4.5.10
Scroll control 1, scroll control 2 and scroll control 3 registers
These registers are described in Section 4.7.
4.5.11
Interrupt enable register
OVP_M = 0, the interrupt generated by overvoltage protection is disabled
OVP_M = 1, the interrupt generated by overvoltage protection is enabled
THP_M = 0, the interrupt generated by overtemperature protection is disabled
THP_M = 1, the interrupt generated by overtemperature protection is enabled
OPEN_M = 0, the interrupt generated by open RSET protection is disabled
OPEN_M = 1, the interrupt generated by open RSET protection is enabled
SHORT_M = 0, the interrupt generated by short RSET protection is disabled
SHORT_M = 1, the interrupt generated by short RSET protection is enabled
STEP_M = 0 the interrupt generated at the beginning of a scroll step is disabled
STEP_M = 1, the interrupt generated at the beginning of a scroll step is enabled
EOSCR_M = 0, the interrupt generated at the end of scroll operation is disabled
EOSCR_M = 1, the interrupt generated at the end of scroll operation is enabled
ROWSC_M = 0, the interrupt generated by row short-circuit is disabled
ROWSC_M = 1, the interrupt generated by row short-circuit is enabled
BSTOK_M = 0, the interrupt generated is disabled, when boost output voltage reaches the
target value
BSTOK_M = 1, the interrupt generated is enabled, when the boost output voltage reaches
the target value
Table 28. Interrupt enable register
Interrupt
enable
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 40h
BSTOK_M
ROWSC_M
EOSCR_M
STEP_M
SHORT_M
OPEN_M
THP_M
OVP_M
Default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com