Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 18Page - STMicroelectronics STLED524 Datasheet HTML 19Page - STMicroelectronics STLED524 Datasheet HTML 20Page - STMicroelectronics STLED524 Datasheet HTML 21Page - STMicroelectronics STLED524 Datasheet HTML 22Page - STMicroelectronics STLED524 Datasheet HTML 23Page - STMicroelectronics STLED524 Datasheet HTML 24Page - STMicroelectronics STLED524 Datasheet HTML 25Page - STMicroelectronics STLED524 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
Detailed description
STLED524
22/72
DocID026217 Rev 1
4.5.3
Clock register
This register is used to set up clock signals.
CLKOUT = 0, CLKOUT pin does not provide any clock signal. It is permanently low
CLKOUT = 1, CLKOUT pin provides CLK signal
CLKIN = 0, clock signal from the internal oscillator is used for display timings
CLKIN = 1, clock signal from CLKIN pin is used for display timings
SYNCEN = 0, driver operation synchronization is disabled by an external signal connected
to SYNC pin
SYNCEN = 1, driver operation synchronization is enabled by an external signal connected
to SYNC pin
SYNCSEL = 0, driver operation is enabled when SYNC signal is low
SYNCSEL = 1, driver operation is enabled when SYNC signal is high
REFSEL = 0, external reference defined by RSET value is used for current mirrors
REFSEL = 1, internal reference is used for current mirrors
If the clock signal changes from internal to external, the external clock has to be provided, at
least TINTTOEXTCLK before than CLKIN bit is set to 1.
Figure 5. Internal to external clock transition
SYNC pin behavior
If the synchronization is enabled (SYNCEN = 1), SYNC pin is in inactive state (defined by
SYNCSEL bit) and the micro writes EN, DISP or SLPEN bits, but the corresponding
operation is delayed, until SYNC pin gets to the active state.
If the synchronization is disabled (SYNCEN = 0), the micro writes EN, DISP or SLPEN bits,
and the corresponding operation starts immediately.
Table 19. Clock register
Clock
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 10h
-
-
-
REFSEL SYNCSEL SYNCEN
CLKIN
CLKOUT
Default
0
0
0
0
1
0
0
0
NTCLK
IEXTCLK (CLKIN pin)
CLKIN bit
TINTTOEXTLCLK
GIPG27021413139LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com