Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 44Page - STMicroelectronics STLED524 Datasheet HTML 45Page - STMicroelectronics STLED524 Datasheet HTML 46Page - STMicroelectronics STLED524 Datasheet HTML 47Page - STMicroelectronics STLED524 Datasheet HTML 48Page - STMicroelectronics STLED524 Datasheet HTML 49Page - STMicroelectronics STLED524 Datasheet HTML 50Page - STMicroelectronics STLED524 Datasheet HTML 51Page - STMicroelectronics STLED524 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
Detailed description
STLED524
48/72
DocID026217 Rev 1
OPEN_M = 1, the interrupt generated by open RSET protection is enabled
SHORT_M = 0, the interrupt generated by short RSET protection is disabled
SHORT_M = 1, the interrupt generated by short RSET protection is enabled
STEP_M = 0 the interrupt generated at the beginning of a scroll step is disabled
STEP_M = 1, the interrupt generated at the beginning of a scroll step is enabled
EOSCR_M = 0, the interrupt generated at the end of scroll operation is disabled
EOSCR_M = 1, the interrupt generated at the end of scroll operation is enabled
ROWSC_M = 0, the interrupt generated by row short-circuit is disabled
ROWSC_M = 1, the interrupt generated by row short-circuit is enabled
BSTOK_M = 0, the interrupt generated, when the boost output voltage reaches the target
value, is disabled
BSTOK_M = 1, the interrupt generated, when the boost output voltage reaches the target
value, is enabled
Bits in this register are set when the corresponding interrupt occurs. These bits are latched
and they can only be cleared by reading the register through SPI.
When an interrupt is disabled, the corresponding bit in the latch register is not set.
Bits in the status register are set and reset according to the state of internal signals
(overtemperature, overvoltage etc.). Reading the status register through SPI does not
influence the state of bits.
4.10.2
Overvoltage protection
If the output voltage of boost is higher than the overvoltage protection threshold, the boost is
stopped. OVP bit in the status register is set. The interrupt is generated, if it is enabled and
OVP bit in the latch register is also set and remains latched, until it is read through SPI. If
the output voltage of the boost goes below the overvoltage protection hysteresis, OVP bit in
the status register is reset. The microcontroller decides, whether to start the boost again or
not.
Table 52. Latch register (read only)
Latch
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 41h
BSTOK ROWSC EOSCR
STEP
SHORT
OPEN
THP
OVP
Default
0
0
0000
0
0
Table 53. Status register (read only)
Status
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 42h
BSTOK
-
-
-
SHORT
OPEN
THP
OVP
Default
000
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com