Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 43Page - STMicroelectronics STLED524 Datasheet HTML 44Page - STMicroelectronics STLED524 Datasheet HTML 45Page - STMicroelectronics STLED524 Datasheet HTML 46Page - STMicroelectronics STLED524 Datasheet HTML 47Page - STMicroelectronics STLED524 Datasheet HTML 48Page - STMicroelectronics STLED524 Datasheet HTML 49Page - STMicroelectronics STLED524 Datasheet HTML 50Page - STMicroelectronics STLED524 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
DocID026217 Rev 1
47/72
STLED524
Detailed description
The STLED524 supports the writing of multiple bytes at once. When the first byte is
received, the internal address counter is incremented automatically. Next byte from SPI
frame is written into this new address and so on, until the nth byte is received. If the address
counter reaches the end of address space, it resets to 0 automatically and the writing
continues. When the reading of multiple bytes is performed, the internal address register is
incremented after each byte reading automatically. If the address counter reaches the end
of address space, it resets to 0 automatically and the reading continues.
Figure 24. Multiple byte reading at once
4.10
Protections and interrupts
4.10.1
Registers related to protections and interrupts
There are 3 registers related to protections and interrupts. They are: status, latch and
interrupt enable registers.
OVP_M = 0, the interrupt generated by overvoltage protection is disabled
OVP_M = 1, the interrupt generated by overvoltage protection is enabled
THP_M = 0, the interrupt generated by overtemperature protection is disabled
THP_M = 1, the interrupt generated by overtemperature protection is enabled
OPEN_M = 0, the interrupt generated by open RSET protection is disabled
GIPG2103141124LM
Table 51. Interrupt enable register
Interrupt
enable
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 40h
BSTOK_M
ROWSC_M
EOSCR_M
STEP_M
SHORT_M
OPEN_M
THP_M
OVP_M
Default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com