Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 30Page - STMicroelectronics STLED524 Datasheet HTML 31Page - STMicroelectronics STLED524 Datasheet HTML 32Page - STMicroelectronics STLED524 Datasheet HTML 33Page - STMicroelectronics STLED524 Datasheet HTML 34Page - STMicroelectronics STLED524 Datasheet HTML 35Page - STMicroelectronics STLED524 Datasheet HTML 36Page - STMicroelectronics STLED524 Datasheet HTML 37Page - STMicroelectronics STLED524 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
Detailed description
STLED524
34/72
DocID026217 Rev 1
4.7.2
Locking columns and rows
The content of any column or row can be locked during scroll. The content of locked
rows/columns does not move during scroll. Locked rows/columns always display the
content of pattern 1.
Any combination of columns can be locked by corresponding bits in the column lock
registers. Besides, any combination of rows can be locked by corresponding bits in the row
lock register. Columns and rows can be locked at the same time.
Table 41. Scroll step register
Scroll steps
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 43h
-
-
SCRSTP[4:0]
Default
0
0
0
0
0
000
Table 42. Column lock register 1
Column
lock 1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 33h
COLCK7
COLCK6
COLCK5
COLCK4
COLCK3
COLCK2
COLCK1
COLCK0
Default
0
0
0
0
0
0
0
0
Table 43. Column lock register 2
Column
lock 2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 34h
COLCK15
COLCK14
COLCK13
COLCK12
COLCK11
COLCK10
COLCK9
COLCK8
Default
0
0
0
0
0
0
0
0
Table 44. Column lock register 3
Column
lock 3
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 35h
COLCK23
COLCK22
COLCK21
COLCK20
COLCK19
COLCK18
COLCK17
COLCK16
Default
0
000
000
0
Table 45. Row lock register
Column
lock 3
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 35h
ROWLCK4
ROWLCK3
ROWLCK2
ROWLCK1
ROWLCK0
Default
0
0
0
00
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com