Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 249 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 249 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 245Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 246Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 247Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 248Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 249Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 250Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 251Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 252Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-61. Switching Characteristics Over Recommended Operating Conditions for McBSP(1)(2)
(see Figure 6-34)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MIN
MAX
Delay time, CLKS high to CLKR/X high for internal CLKR/X
1
td(CKSH-CKRXH)
3
10
ns
generated from CLKS input
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
2P(3)(4)(5)
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X int
C - 2(6)
C + 2(6)
ns
4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR int
-4
5.5
ns
CLKX int
-4
5.5
9
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
ns
CLKX ext
2.5
14.5
CLKX int
-5.5
7.5
Disable time, DX high impedance following
12
tdis(CKXH-DXHZ)
ns
last data bit from CLKX high
CLKX ext
-2.1
16
CLKX int
-4 + D1(7)
5.5 + D2(7)
13
td(CKXH-DXV)
Delay time, CLKX high to DX valid
ns
CLKX ext
2.5 + D1(7)
14.5 + D2(7)
Delay time, FSX high to DX valid
FSX int
-4(8)
5(8)
14
td(FXH-DXV)
ns
ONLY applies when in data
FSX ext
1(8)
14.5(8)
delay 0 (XDATDLY = 00b) mode
(1)
CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also
inverted.
(2)
Minimum delay times also represent minimum output hold times.
(3)
Minimum CLKR/X cycle times must be met, even when CLKR/X is generated by an internal clock source. Minimum CLKR/X cycle times
are based on internal logic speed; the maximum usable speed may be lower due to EDMA limitations and AC timing requirements.
(4)
P = SYSCLK3 period in ns. For example, when running parts at 600 MHz, use P = 10 ns.
(5)
Use whichever value is greater.
(6)
C = H or L
S = sample rate generator input clock = P if CLKSM = 1 (P = SYSCLK3 period)
S = sample rate generator input clock = P_clks if CLKSM = 0 (P_clks = CLKS period)
H = CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
H = (CLKGDV + 1)/2 * S if CLKGDV is odd
L = CLKX low pulse width = (CLKGDV/2) * S if CLKGDV is even
L = (CLKGDV + 1)/2 * S if CLKGDV is odd
CLKGDV should be set appropriately to ensure the McBSP bit rate does not exceed the maximum limit (see (4) above).
(7)
Extra delay from CLKX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 6P, D2 = 12P
(8)
Extra delay from FSX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 6P, D2 = 12P
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
249



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com