Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 252 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 252 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 248Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 249Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 250Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 251Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 252Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 253Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 254Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 255Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-65. Timing Requirements for McBSP as SPI Master or Slave: CLKSTP = 11b, CLKXP = 0(1)(2)
(see Figure 6-37)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MASTER
SLAVE
MIN
MAX
MIN
MAX
4
tsu(DRV-CKXH)
Setup time, DR valid before CLKX high
14
2 - 3P
ns
5
th(CKXH-DRV)
Hold time, DR valid after CLKX high
4
5 + 6P
ns
(1)
P = SYSCLK3 period in ns. For example, when running parts at 600 MHz, use P = 10 ns.
(2)
For all SPI Slave modes, the rate of the internal clock CLKG must be at least 8 times faster than that of the SPI data rate. User should
program sample rate generator to achieve maximum CLKG by setting CLKSM = CLKGDV = 1.
Peripheral Information and Electrical Specifications
252
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com