Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 250 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 250 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 246Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 247Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 248Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 249Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 250Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 251Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 252Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 253Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 254Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 306 page
background image
Bit(n-1)
(n-2)
(n-3)
Bit 0
Bit(n-1)
(n-2)
(n-3)
14
12
11
10
9
3
3
2
8
7
6
5
4
4
3
1
3
2
CLKS
CLKR
FSR (int)
FSR (ext)
DR
CLKX
FSX (int)
FSX (ext)
FSX (XDATDLY=00b)
DX
13(A)
13(A)
2
1
CLKS
FSR external
CLKR/X (no need to resync)
CLKR/X (needs resync)
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
A.
Parameter No. 13 applies to the first data bit only when XDATDLY
≠ 0.
Figure 6-34. McBSP Timing(B)
Table 6-62. Timing Requirements for FSR When GSYNC = 1 (see Figure 6-35)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
1
tsu(FRH-CKSH)
Setup time, FSR high before CLKS high
4
ns
2
th(CKSH-FRH)
Hold time, FSR high after CLKS high
4
ns
Figure 6-35. FSR Timing When GSYNC = 1
Peripheral Information and Electrical Specifications
250
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com