Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 251 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 251 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 247Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 248Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 249Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 250Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 251Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 252Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 253Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 254Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 255Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 306 page
background image
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
5
4
3
8
7
6
2
1
CLKX
FSX
DX
DR
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-63. Timing Requirements for McBSP as SPI Master or Slave: CLKSTP = 10b, CLKXP = 0(1)(2)
(see Figure 6-36)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MASTER
SLAVE
MIN
MAX
MIN
MAX
4
tsu(DRV-CKXL)
Setup time, DR valid before CLKX low
14
2 - 3P
ns
5
th(CKXL-DRV)
Hold time, DR valid after CLKX low
4
5 + 6P
ns
(1)
P = SYSCLK3 period in ns. For example, when running parts at 600 MHz, use P = 10 ns.
(2)
For all SPI Slave modes, the rate of the internal clock CLKG must be at least 8 times faster than that of the SPI data rate. User should
program sample rate generator to achieve maximum CLKG by setting CLKSM = CLKGDV = 1.
Table 6-64. Switching Characteristics Over Recommended Operating Conditions for McBSP as SPI
Master or Slave: CLKSTP = 10b, CLKXP = 0(1)(2) (see Figure 6-36)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MASTER(3)
SLAVE
MIN
MAX
MIN
MAX
1
th(CKXL-FXL)
Hold time, FSX low after CLKX low(4)
T - 4
T + 5.5
ns
2
td(FXL-CKXH)
Delay time, FSX low to CLKX high(5)
L - 4
L + 4
ns
3
td(CKXH-DXV)
Delay time, CLKX high to DX valid
-4
5.5
3P + 2.8
5P + 17
ns
Disable time, DX high impedance following
6
tdis(CKXL-DXHZ)
L - 6
L + 7.5
ns
last data bit from CLKX low
Disable time, DX high impedance following
7
tdis(FXH-DXHZ)
P + 3
3P + 17
ns
last data bit from FSX high
8
td(FXL-DXV)
Delay time, FSX low to DX valid
2P + 1.8
4P + 17
ns
(1)
P = SYSCLK3 period in ns. For example, when running parts at 600 MHz, use P = 10 ns.
(2)
For all SPI Slave modes, the rate of the internal clock CLKG must be at least 8 times faster than that of the SPI data rate. User should
program sample rate generator to achieve maximum CLKG by setting CLKSM = CLKGDV = 1.
(3)
S = Sample rate generator input clock = 2P if CLKSM = 1 (P = SYSCLK3 period)
S = Sample rate generator input clock = 2P_clks if CLKSM = 0 (P_clks = CLKS period)
T = CLKX period = (1 + CLKGDV) * S
H = CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
H = (CLKGDV + 1)/2 * S if CLKGDV is odd
L = CLKX low pulse width = (CLKGDV/2) * S if CLKGDV is even
L = (CLKGDV + 1)/2 * S if CLKGDV is odd
(4)
FSRP = FSXP = 1. As a SPI Master, FSX is inverted to provide active-low slave-enable output. As a Slave, the active-low signal input
on FSX and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for Master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for Slave McBSP
(5)
FSX should be low before the rising edge of clock to enable Slave devices and then begin a SPI transfer at the rising edge of the Master
clock (CLKX).
Figure 6-36. McBSP Timing as SPI Master or Slave: CLKSTP = 10b, CLKXP = 0
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com