Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 278 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 278 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 274Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 275Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 276Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 277Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 278Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 279Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 280Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 281Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 282Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 306 page
background image
6.18.2
Management Data Input/Output (MDIO) Electrical Data/Timing
1
4
5
MDCLK
MDIO
(input)
3
3
1
7
MDCLK
MDIO
(output)
6.19 Timers
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-90. Timing Requirements for MDIO Input (see Figure 6-48 and Figure 6-49)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
1
tc(MDCLK)
Cycle time, MDCLK
400
ns
2
tw(MDCLK)
Pulse duration, MDCLK high/low
180
ns
3
tt(MDCLK)
Transition time, MDCLK
5
ns
4
tsu(MDIO-MDCLKH)
Setup time, MDIO data input valid before MDCLK high
10
ns
5
th(MDCLKH-MDIO)
Hold time, MDIO data input valid after MDCLK high
10
ns
Figure 6-48. MDIO Input Timing
Table 6-91. Switching Characteristics Over Recommended Operating Conditions for MDIO Output
(see Figure 6-49)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
7
td(MDCLKL-MDIO)
Delay time, MDCLK low to MDIO data output valid
100
ns
Figure 6-49. MDIO Output Timing
The DM6437 device has 3 64-bit general-purpose timers which have the following features:
• 64-bit count-up counter
• Timer modes:
–
64-bit general-purpose timer mode (Timer 0 and 1)
–
Dual 32-bit general-purpose timer mode (Timer 0 and 1)
–
Watchdog timer mode (Timer 2)
• 2 possible clock sources:
Peripheral Information and Electrical Specifications
278
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com