Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 279 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 279 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 275Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 276Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 277Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 278Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 279Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 280Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 281Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 282Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 283Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 306 page
background image
6.19.1
Timer Peripheral Register Description(s)
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
–
Internal clock
–
External clock input via timer input pin TINPL (Timer 0 and 1 only)
• 2 operation modes:
–
One-time operation (timer runs for one period then stops)
–
Continuous operation (timer automatically resets after each period)
• Generates interrupts to the DSP
• Generates sync event to EDMA
• Causes device global reset upon watchdog timer timeout (Timer 2 only)
For more detailed information, see Section 2.9, Documentation Support for the TMS320DM643x DMP
64-Bit Timer User's Guide (literature number SPRU989).
Table 6-92. Timer 0 Registers
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
0x01C2 1400
-
Reserved
0x01C2 1404
EMUMGT_CLKSPD
Timer 0 Emulation Management/Clock Speed Register
0x01C2 1410
TIM12
Timer 0 Counter Register 12
0x01C2 1414
TIM34
Timer 0 Counter Register 34
0x01C2 1418
PRD12
Timer 0 Period Register 12
0x01C2 141C
PRD34
Timer 0 Period Register 34
0x01C2 1420
TCR
Timer 0 Control Register
0x01C2 1424
TGCR
Timer 0 Global Control Register
0x01C2 1428 - 0x01C2 17FF
-
Reserved
Table 6-93. Timer 1 Registers
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
0x01C2 1800
-
Reserved
0x01C2 1804
EMUMGT_CLKSPD
Timer 1 Emulation Management/Clock Speed Register
0x01C2 1810
TIM12
Timer 1 Counter Register 12
0x01C2 1814
TIM34
Timer 1 Counter Register 34
0x01C2 1818
PRD12
Timer 1 Period Register 12
0x01C2 181C
PRD34
Timer 1 Period Register 34
0x01C2 1820
TCR
Timer 1 Control Register
0x01C2 1824
TGCR
Timer 1 Global Control Register
0x01C2 1828 - 0x01C2 1BFF
-
Reserved
Table 6-94. Timer 2 (Watchdog) Registers
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
0x01C2 1C00
-
Reserved
0x01C2 1C04
EMUMGT_CLKSPD
Timer 2 Emulation Management/Clock Speed Register
0x01C2 1C10
TIM12
Timer 2 Counter Register 12
0x01C2 1C14
TIM34
Timer 2 Counter Register 34
0x01C2 1C18
PRD12
Timer 2 Period Register 12
0x01C2 1C1C
PRD34
Timer 2 Period Register 34
0x01C2 1C20
TCR
Timer 2 Control Register
0x01C2 1C24
TGCR
Timer 2 Global Control Register
0x01C2 1C28
WDTCR
Timer 2 Watchdog Timer Control Register
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
279



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com