Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 281 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 281 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 277Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 278Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 279Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 280Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 281Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 282Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 283Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 284Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 285Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 306 page
background image
6.20 Peripheral Component Interconnect (PCI)
6.20.1 PCI Device-Specific Information
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
The DM6437 DMP supports connections to PCI-compliant devices via the integrated PCI master/slave bus
interface. The PCI port interfaces to DSP internal resources via the data switched central resource. The
data switched central resource is described in more detail in Section 4, System Interconnect.
For more detailed information on the PCI port peripheral module, see the TMS320DM643x DMP
Peripheral Component Interconnect (PCI) User's Guide (literature number SPRU985).
The PCI peripheral can act both as a PCI bus master and as a target. It supports PCI bus operation of
speeds up to 33 MHz and uses a 32-bit data/address bus.
On the DM6437 device, the pins of the PCI peripheral are multiplexed with the pins of the VPSS, EMIFA,
GPIO, HPI, VLYNQ, and EMAC peripherals. For more detailed information on how to select PCI, see
Section 3, Device Configurations.
The DM6437 device provides an initialization mechanism through which the default values for some of the
PCI configuration registers can be read from an I2C EEPROM. Table 6-97 shows the registers which can
be initialized through the PCI auto-initialization. The default value of these registers when PCI
auto-initialization is not used is also shown in Table 6-97. PCI auto-initialization is enabled by selecting
PCI boot with auto-initialization. For information on how to select PCI boot with auto-initialization, see
Section 3.4.1, Boot Modes. For more information on PCI auto-initialization, see the TMS320DM643x DMP
Peripheral Component Interconnect (PCI) User's Guide (literature number SPRU985) and the Using the
TMS320DM643x Bootloader Application Report (literature number SPRAAG0).
The PCI peripheral is a master peripheral within the DM6437 DMP.
Table 6-97. Default Values for PCI Configuration Registers
REGISTER
DEFAULT VALUE (HEX)
Vendor ID
104C
Device ID
B001
Class Code
11 8000
Revision ID
01
System Vendor ID
0000
Subsystem ID
0000
Max Latency
00
Min Grant
00
Interrupt Pin
00
Interrupt Line
00
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com