Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 280 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 280 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 276Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 277Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 278Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 279Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 280Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 281Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 282Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 283Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 284Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 306 page
background image
6.19.2
Timer Electrical Data/Timing
TINPxL
TOUTxL
1
2
3
4
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-94. Timer 2 (Watchdog) Registers (continued)
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
0x01C2 1C2C - 0x01C2 1FFF
-
Reserved
Table 6-95. Timing Requirements for Timer Input(1)(2)(3) (see Figure 6-50)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
TINP0L, if TIMERCTL.TINP0SEL = 0
2P
ns
[default]
1
tw(TINPH)
Pulse duration, TINPxL high
TINP0L, if TIMERCTL.TINP0SEL = 1
0.33P
ns
TINP1L
2P
ns
TINP0L, if TIMERCTL.TINP0SEL = 0
2P
ns
[default]
2
tw(TINPL)
Pulse duration, TINPxL low
TINP0L, if TIMERCTL.TINP0SEL = 1
0.33P
ns
TINP1L
2P
ns
(1)
P = MXI/CLKIN cycle time in ns. For example, when MXI/CLKIN frequency is 27 MHz, use P = 37.037 ns.
(2)
The TIMERCTL.TINP0SEL field in the System Module determines if the TINP0L input directly goes to Timer 0
(TIMERCTL.TINP0SEL=0), or if the TINP0L input is first divided down by 6 before going to Timer 0 (TIMERCTL.TINP0SEL=1).
(3)
TINP1L input goes directly to Timer 1.
Table 6-96. Switching Characteristics Over Recommended Operating Conditions for Timer Output(1) (see
Figure 6-50)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
3
tw(TOUTH)
Pulse duration, TOUTxL high
P
ns
4
tw(TOUTL)
Pulse duration, TOUTxL low
P
ns
(1)
P = MXI/CLKIN cycle time in ns. For example, when MXI/CLKIN frequency is 27 MHz, use P = 37.037 ns.
Figure 6-50. Timer Timing
280
Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com