Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 12Page - Texas Instruments DLPC3470 Datasheet HTML 13Page - Texas Instruments DLPC3470 Datasheet HTML 14Page - Texas Instruments DLPC3470 Datasheet HTML 15Page - Texas Instruments DLPC3470 Datasheet HTML 16Page - Texas Instruments DLPC3470 Datasheet HTML 17Page - Texas Instruments DLPC3470 Datasheet HTML 18Page - Texas Instruments DLPC3470 Datasheet HTML 19Page - Texas Instruments DLPC3470 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
16
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
It is recommended that VDDLP12 rail is tied to the VDD rail.
(2)
If the VDDLP12 is fed from a separate (from VDD) supply, the VDDLP12 power must sequence ON after the 1.1V core supply and must
sequence OFF before the 1.1V core supply.
(3)
These supplies have multiple valid ranges.
(4)
These I/O supply ranges are wider to facilitate additional filtering.
(5)
The operating ambient temperature range assumes 0 forced air flow, a JEDEC JESD51 junction-to-ambient thermal resistance value at
0 forced air flow (RθJA at 0 m/s), a JEDEC JESD51 standard test card and environment, along with min and max estimated power
dissipation across process, voltage, and temperature. Thermal conditions vary by application, which will impact RθJA. Thus, maximum
operating ambient temperature varies by application.
(a) Ta_min = Tj_min – (Pd_min × RθJA) = –30°C – (0.0 W × 30.3°C/W) = –30°C
(b) Ta_max = Tj_max – (Pd_max × RθJA) = +105°C – (0.348 W × 30.3°C/W) = +94.4°C
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V(VDD)
Core power 1.1 V (main 1.1 V)
±5% tolerance
1.045
1.1
1.155
V
V(VDDLP12)
Reserved
±5% tolerance
See(1)(2)
1.045
1.10
1.155
V
V(VCC18)
All 1.8-V I/O power:
(1.8-V power supply for all I/O other than the host or
parallel interface and the SPI flash interface. This
includes RESETZ, PARKZ LED_SEL, CMP, GPIO, IIC1,
TSTPT, and JTAG pins.)
±8.5% tolerance
1.64
1.8
1.96
V
V(VCC_INTF)
Host or parallel interface I/O power: 1.8 to 3.3 V (includes
IIC0, PDATA, video syncs, and HOST_IRQ pins)
±8.5% tolerance
See (3)
1.64
1.8
1.96
V
2.28
2.5
2.72
3.02
3.3
3.58
V(VCC_FLSH)
Flash interface I/O power:1.8 to 3.3 V
±8.5% tolerance
See (3)
1.64
1.8
1.96
V
2.28
2.5
2.72
3.02
3.3
3.58
V(VDD_PLLM)
MCG PLL 1.1-V power
±9.1% tolerance
See (4)
1.025
1.1
1.155
V
V(VDD_PLLD)
DCG PLL 1.1-V power
±9.1% tolerance
See (4)
1.025
1.1
1.155
V
TA
Operating ambient temperature(5)
–30
85
°C
TJ
Operating junction temperature
-30
105
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Thermal coefficients abide by JEDEC Standard 51. RθJA is the thermal resistance of the package as measured using a JEDEC defined
standard test PCB. This JEDEC test PCB is not necessarily representative of the DLPC3470 controller PCB and thus the reported
thermal resistance may not be accurate in the actual product application. Although the actual thermal resistance may be different , it is
the best information available during the design phase to estimate thermal performance.
(3)
Example: (0.5 W) × (0.2 °C/W)
≈ 1.00°C temperature rise.
6.4 Thermal Information
THERMAL METRIC(1)
DLPC3470 controller
UNIT
ZEZ (NFBGA)
201 PINS
RθJC
Junction-to-case thermal resistance
10.1
°C/W
RθJA
Junction-to-air thermal
resistance
at 0 m/s of forced airflow(2)
28.8
°C/W
at 1 m/s of forced airflow(2)
25.3
at 2 m/s of forced airflow(2)
24.4
ψJT
Temperature variance from junction to package top center temperature, per
unit power dissipation(3)
.23
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com