Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 62 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 58Page - Texas Instruments DLPC3470 Datasheet HTML 59Page - Texas Instruments DLPC3470 Datasheet HTML 60Page - Texas Instruments DLPC3470 Datasheet HTML 61Page - Texas Instruments DLPC3470 Datasheet HTML 62Page - Texas Instruments DLPC3470 Datasheet HTML 63Page - Texas Instruments DLPC3470 Datasheet HTML 64Page - Texas Instruments DLPC3470 Datasheet HTML 65Page - Texas Instruments DLPC3470 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
62
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
11.1.10 Thermal Considerations
The underlying thermal limitation for the DLPC3470 controller is that the maximum operating junction
temperature (TJ) not be exceeded (this is defined in the ). This temperature is dependent on operating ambient
temperature, airflow, PCB design (including the component layout density and the amount of copper used),
power dissipation of the DLPC3470 controller , and power dissipation of surrounding components. The
DLPC3470 controller ’s package is designed primarily to extract heat through the power and ground planes of the
PCB. Thus, copper content and airflow over the PCB are important factors.
The recommended maximum operating ambient temperature (TA) is provided primarily as a design target and is
based on maximum DLPC3470 controller power dissipation and RθJA at 0 m/s of forced airflow, where RθJA is the
thermal resistance of the package as measured using a glater test PCB with two, 1-oz power planes. This
JEDEC test PCB is not necessarily representative of the DLPC3470 controller PCB; the reported thermal
resistance may not be accurate in the actual product application. Although the actual thermal resistance may be
different, it is the best information available during the design phase to estimate thermal performance. However,
after the PCB is designed and the product is built, TI highly recommended that thermal performance be
measured and validated.
To do this, measure the top center case temperature under the worse case product scenario (max power
dissipation, max voltage, max ambient temperature) and validated not to exceed the maximum recommended
case temperature (TC). This specification is based on the measured φJT for the DLPC3470 controller package
and provides a relatively accurate correlation to junction temperature. Take care when measuring this case
temperature to prevent accidental cooling of the package surface. TI recommends a small (approximately 40
gauge) thermocouple. The bead and thermocouple wire should contact the top of the package and be covered
with a minimal amount of thermally conductive epoxy. The wires should be routed closely along the package and
the board surface to avoid cooling the bead through the wires.
11.2 Layout Example
Figure 37. Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com