Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 41Page - Texas Instruments DLPC3470 Datasheet HTML 42Page - Texas Instruments DLPC3470 Datasheet HTML 43Page - Texas Instruments DLPC3470 Datasheet HTML 44Page - Texas Instruments DLPC3470 Datasheet HTML 45Page - Texas Instruments DLPC3470 Datasheet HTML 46Page - Texas Instruments DLPC3470 Datasheet HTML 47Page - Texas Instruments DLPC3470 Datasheet HTML 48Page - Texas Instruments DLPC3470 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
45
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3.2.8 3-D Glasses Operation
For supporting 3D glasses, the DLPC3470 controller -based device set outputs synchronization information to
synchronize the Left-eye-to-Right-eye shuttering in the glasses with the displayed DMD image frames.
Two different types of glasses are often used to achieve synchronization. One type relies on an infrared (IR)
transmitter on the system PCB to send an IR synchronization signal to an IR receiver in the glasses. In this case
DLPC3470 controller output signal GPIO_04 can be used to cause the IR transmitter to send an IR
synchronization signal to the glasses. Figure 8 shows the timing for signal GPIO_04..
The second type of glasses relies on synchronization information that is encoded into the light being outputted
from the projection lens. This is referred to as the DLP Link approach for 3D, and many 3D glasses from different
suppliers have been built using this method. This demonstrates that the DLP Link method can work reliable. The
advantage of the DLP Link approach is that it takes advantage of existing projector hardware to transmit the
synchronization information to the glasses. This can save cost, size and power in the projector.
For generating the DLP Link synchronization information, one light pulse per DMD frame is outputted from the
projection lens while the glasses have both shutters closed. To achieve this, the DLPC3470 controller will tell the
DLPA2000 device or DLPA2005 when to turn on the illumination source (typically LEDs or lasers) so that an
encoded light pulse is output once per DMD frame. Since the shutters in the glasses are both off when the DLP
Link pulse is sent, the projector illumination source will also be off except for the when light is sent to create the
DLP Link pulse. The timing for the light pulses for DLP Link 3D operation is shown in Figure 27 and Figure 28.
Figure 27. DLPC3470 controller L/R Frame and Signal Timing for DLP Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com