Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 53 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 49Page - Texas Instruments DLPC3470 Datasheet HTML 50Page - Texas Instruments DLPC3470 Datasheet HTML 51Page - Texas Instruments DLPC3470 Datasheet HTML 52Page - Texas Instruments DLPC3470 Datasheet HTML 53Page - Texas Instruments DLPC3470 Datasheet HTML 54Page - Texas Instruments DLPC3470 Datasheet HTML 55Page - Texas Instruments DLPC3470 Datasheet HTML 56Page - Texas Instruments DLPC3470 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
53
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Power Supply Recommendations
10.1 System Power-Up and Power-Down Sequence
Although the DLPC3470 controller requires an array of power supply voltages, (for example, VDD, VDDLP12,
VDD_PLLM/D, VCC18, VCC_FLSH, VCC_INTF), if VDDLP12 is tied to the 1.1-V VDD supply (which is assumed
to be the typical configuration), then there are no restrictions regarding the relative order of power supply
sequencing to avoid damaging the DLPC3470 controller . (This is true for both power-up and power-down
scenarios). Similarly, there is no minimum time between powering-up or powering-down the different supplies if
VDDLP12 is tied to the 1.1-V VDD supply.
If however VDDLP12 is not tied to the VDD supply, then VDDLP12 must be powered-on after the VDD supply is
powered-on, and powered-off before the VDD supply is powered-off. In addition, if VDDLP12 is not tied to VDD,
then VDDLP12 and VDD supplies should be powered on or powered off within 100 ms of each other.
Although there is no risk of damaging the DLPC3470 controller if the above power sequencing rules are followed,
the following additional power sequencing recommendations must be considered to ensure proper system
operation.
•
To ensure that DLPC3470 controller output signal states behave as expected, all DLPC3470 controller I/O
supplies should remain applied while VDD core power is applied. If VDD core power is removed while the I/O
supply (VCC_INTF) is applied, then the output signal state associated with the inactive I/O supply will go to a
high impedance state.
•
Additional power sequencing rules may exist for devices that share the supplies with the DLPC3470
controller , and thus these devices may force additional system power sequencing requirements.
Note that when VDD core power is applied, but I/O power is not applied, additional leakage current may be
drawn. This added leakage does not affect normal DLPC3470 controller operation or reliability.
Figure 33 and Figure 34 show the DLPC3470 controller power-up and power-down sequence for both the normal
PARK and fast PARK operations of the DLPC3470 controller ASIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com