Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 30Page - Texas Instruments DLPC3470 Datasheet HTML 31Page - Texas Instruments DLPC3470 Datasheet HTML 32Page - Texas Instruments DLPC3470 Datasheet HTML 33Page - Texas Instruments DLPC3470 Datasheet HTML 34Page - Texas Instruments DLPC3470 Datasheet HTML 35Page - Texas Instruments DLPC3470 Datasheet HTML 36Page - Texas Instruments DLPC3470 Datasheet HTML 37Page - Texas Instruments DLPC3470 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
tD1
10%
90%
tD2
VSYNC
Parallel Input
Displayed Pattern
[Frame N] PDATA 23:16
GREEN LED
GREEN LED
Illuminator
Trigger Out 1
(Frame Trigger)
Trigger Out 2
(Sub-frame Trigger)
[Frame N+1] PDATA 23:0
[Frame N+2] PDATA 23:0
[Frame N+1] PDATA 23:16
10%
90%
tD1
tD2
VSYNC
Parallel Input
Displayed Pattern
[Frame N]
PDATA 23:16
RED LED
Illuminator
[Frame N]
PDATA 15:8
RED LED
Trigger Out 1
(Frame Trigger)
Trigger Out 2
(Sub-frame Trigger)
[Frame N+1] PDATA 23:0
[Frame N+2] PDATA 23:0
RED LED
RED LED
[Frame N+1]
PDATA 23:16
[Frame N+1]
PDATA 15:8
tD1
tD1
10%
40%
10%
40%
10%
40%
40%
10%
tD2
tD2
tD2
tD2
34
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 16. 2 × 8-bit (Red) Pattern Configurations
•
2 × 8-bit patterns are displayed within each input VSYNC.
•
Pattern is configured for 10% dark time and 90% exposure time for each pattern. Sum of exposure time and
dark time for each pattern is 50% of input frame time. Total exposure time and dark time must be equal to
input frame time.
•
Red LED is configured to be ON for the patterns.
•
TRIG_OUT_1. TRIG_OUT_1 is configured as edge type and active high polarity. TRIG_OUT_1 delay (tD1) is
configured with respect to input VSYNC and is set once per input frame. TRIG_OUT_2.
•
TRIG_OUT_2 is also configured as edge type and active high polarity. TRIG_OUT_2 delay (tD2) is
configured with reference to start of the pattern and is set once per pattern within a frame.
Figure 17 shows a configuration with 1 × 8-bit patterns
Figure 17. 1 × 8-bit (Green) Pattern Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com