Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC3470 Datasheet HTML 1Page - Texas Instruments DLPC3470 Datasheet HTML 2Page - Texas Instruments DLPC3470 Datasheet HTML 3Page - Texas Instruments DLPC3470 Datasheet HTML 4Page - Texas Instruments DLPC3470 Datasheet HTML 5Page - Texas Instruments DLPC3470 Datasheet HTML 6Page - Texas Instruments DLPC3470 Datasheet HTML 7Page - Texas Instruments DLPC3470 Datasheet HTML 8Page - Texas Instruments DLPC3470 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
PROJ_ON
DLPA200x
VLED
3
BIAS, RST, OFS
I2C
HOST_IRQ
DLPC3470
eDRAM
SPI_1
SPI_0
Sub-LVDS DATA (18)
CTRL
SPI Flash
GPIO_8 (Normal Park)
SPI(4)
LED_SEL(2)
Illumination
Optics
Illuminator
Current Sense
Focus stepper motor
PROJ_ON
WVGA
DDR DMD
DLP2010/
DLP2010
(NIR)
Included in DLP® Chip Set
Non-DLP components
1.1 V
1.8 V
SYSPWR
1.8 V
1.8 V
VSPI
1.1-V
Reg
L3
Focus motor position sensor
1.1 V
1.8 V
VCORE
VIO
TRIG_IN
3DR
TSTPT
GPIO
TRIG_OUT1
TRIG_OUT2
GPIO
PAT_READY
Monochrome/RGB
Illumination
Supports internal
patterns storage
Parallel I/F 28
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DLPC3470
DLPS110 – APRIL 2018
DLPC3470 Display and Light Controller
1
1 Features
1
•
Display and Light Controller for DLP2010 and
DLP2010NIR (0.2 WVGA) TRP DMD
•
Display Features
–
Supports Input Image Sizes up to 720p
–
Input Frame Rates to 120 Hz (2D and 3D)
–
24-Bit, Input Pixel Interface Support:
–
Parallel or BT656, Interface Protocols
–
Pixel Clock up to 150 MHz
–
Image Processing - IntelliBright™ Algorithms ,
Image Resizing, 1D Keystone, CCA,
Programmable Degamma
•
Light Control Features:
–
Pattern display optimized for machine vision
and digital exposure
–
Flexible internal (1D) and external (2D) pattern
streaming modes
–
Programmable exposure times
–
High speed pattern rates upto 2880Hz (1-
bit) and 360Hz (8-bit)
–
Programmable 2D Static Patterns via Splash
–
Internal Pattern streaming mode enables
simplified system design
–
Eliminates the need for Video interface
–
Store >1000 patterns in the flash memory
–
Flexible trigger signals for camera/sensor
synchronization
–
One configurable input trigger
–
Two configurable output triggers
•
System Features:
–
I2C Control of Device Configuration
–
Programmable Splash Screens
–
Programmable LED Current Control
–
Auto DMD Parking at Power Down
2 Applications
•
Integrated display and 3D depth capture
–
Smart Phone/Tablet/Laptop/Camera
–
Battery-Powered Mobile Accessory
•
3D Depth capture: 3D camera, 3D reconstruction,
AR/VR, dental scanner
•
3D Machine Vision: Robotics, metrology, in-line
inspection (AOI)
•
3D Biometrics: Facial and finger print recognition
•
Light exposure: 3D printers, laser marking
3 Description
The DLPC3470 display and light controller supports
reliable
operation
of
the
DLP2010/DLP2010NIR
digital micromirror device (DMD) for video display and
light control applications. The DLPC3470 controller
provides
a
convenient
interface
between
user
electronics and the DMD to display video and steer
light
patterns
with
high
speed,
precision,
and
efficiency.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPC3470
NFBGA (201)
13.00 mm × 13.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Standalone System


Similar Part No. - DLPC3470

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3470 TI1-DLPC3470 Datasheet
737Kb / 43P
DLP2010LC .2 WVGA DMD
More results

Similar Description - DLPC3470

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWL-1020UX LUCKY-LIGHT-KWL-1020UX Datasheet
45Kb / 1P
Light Bar Display
KWL-1111UX LUCKY-LIGHT-KWL-1111UX Datasheet
43Kb / 1P
Light Bar Display
KWL-1515UX LUCKY-LIGHT-KWL-1515UX Datasheet
43Kb / 1P
Light Bar Display
KWL-1515UXX LUCKY-LIGHT-KWL-1515UXX Datasheet
45Kb / 1P
Light Bar Display
KWL-2727UX LUCKY-LIGHT-KWL-2727UX Datasheet
43Kb / 1P
Light Bar Display
KWL-2727UXX LUCKY-LIGHT-KWL-2727UXX Datasheet
45Kb / 1P
Light Bar Display
KWL-3232UX LUCKY-LIGHT-KWL-3232UX Datasheet
43Kb / 1P
Light Bar Display
logo
Texas Instruments
DLPC3478 TI1-DLPC3478 Datasheet
1Mb / 68P
Display and Light Controller
DLPC3479 TI1-DLPC3479 Datasheet
1Mb / 61P
Display and Light Controller
logo
List of Unclassifed Man...
10941 ETC-10941 Datasheet
565Kb / 10P
Alphanumeric and Bargraph Display Controller
Rev. 3, June 1987
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com