Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 56 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 52Page - Texas Instruments DLPC3470 Datasheet HTML 53Page - Texas Instruments DLPC3470 Datasheet HTML 54Page - Texas Instruments DLPC3470 Datasheet HTML 55Page - Texas Instruments DLPC3470 Datasheet HTML 56Page - Texas Instruments DLPC3470 Datasheet HTML 57Page - Texas Instruments DLPC3470 Datasheet HTML 58Page - Texas Instruments DLPC3470 Datasheet HTML 59Page - Texas Instruments DLPC3470 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
56
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10.2 DLPC3470 controller Power-Up Initialization Sequence
It is assumed that an external power monitor will hold the DLPC3470 controller in system reset during power-up.
It must do this by driving RESETZ to a logic low state. It should continue to assert system reset until all ASIC
voltages have reached minimum specified voltage levels, PARKZ is asserted high, and input clocks are stable.
During this time, most ASIC outputs will be driven to an inactive state and all bidirectional signals will be
configured as inputs to avoid contention. ASIC outputs that are not driven to an inactive state are tri-stated.
These include LED_SEL_0, LED_SEL_1, SPICLK, SPIDOUT, and SPICSZ0 (see RESETZ pin description for full
signal descriptions in Pin Configuration and Functions. After power is stable and the PLL_REFCLK_I clock input
to the DLPC3470 controller is stable, then RESETZ should be deactivated (set to a logic high). The DLPC3470
controller then performs a power-up initialization routine that first locks its PLL followed by loading self
configuration data from the external flash. Upon release of RESETZ all DLPC3470 controller I/Os will become
active. Immediately following the release of RESETZ, the HOST_IRQ signal will be driven high to indicate that
the auto initialization routine is in progress. However, since a pullup resistor is connected to signal HOST_IRQ,
this signal will have already gone high before the DLPC3470 controller actively drives it high. Upon completion of
the auto-initialization routine, the DLPC3470 controller will drive HOST_IRQ low to indicate the initialization done
state of the DLPC3470 controller has been reached.
Note that the host processor can start sending I2C commands after HOST_IRQ goes low.
10.3 DMD Fast PARK Control (PARKZ)
The PARKZ signal is defined to be an early warning signal that should alert the ASIC 32 µs before DC supply
voltages have dropped below specifications in fast PARK operation. This allows the ASIC time to park the DMD,
ensuring the integrity of future operation. Note that the reference clock should continue to run and RESETZ
should remain deactivated for at least 32 µs after PARKZ has been deactivated (set to a logic low) to allow the
park operation to complete.
10.4 Hot Plug Usage
The DLPC3470 controller provides fail-safe I/O on all host interface signals (signals powered by VCC_INTF).
This allows these inputs to be driven high even when no I/O power is applied. Under this condition, the
DLPC3470 controller will not load the input signal nor draw excessive current that could degrade ASIC reliability.
For example, the I2C bus from the host to other components would not be affected by powering off VCC_INTF to
the DLPC3470 controller . TI recommends weak pullups or pulldowns on signals feeding back to the host to
avoid floating inputs.
If the I/O supply (VCC_INTF) is powered off, but the core supply (VDD) is powered on, then the corresponding
input buffer may experience added leakage current, but this does not damage the DLPC3470 controller .
10.5 Maximum Signal Transition Time
Unless otherwise noted, 10 ns is the maximum recommended 20% to 80% rise or fall time to avoid input buffer
oscillation. This applies to all DLPC3470 controller input signals. However, the PARKZ input signal includes an
additional small digital filter that ignores any input buffer transitions caused by a slower rise or fall time for up to
150 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com