Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 37Page - Texas Instruments DLPC3470 Datasheet HTML 38Page - Texas Instruments DLPC3470 Datasheet HTML 39Page - Texas Instruments DLPC3470 Datasheet HTML 40Page - Texas Instruments DLPC3470 Datasheet HTML 41Page - Texas Instruments DLPC3470 Datasheet HTML 42Page - Texas Instruments DLPC3470 Datasheet HTML 43Page - Texas Instruments DLPC3470 Datasheet HTML 44Page - Texas Instruments DLPC3470 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
41
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Only the first data byte is show, data continues
(2)
DLPC3470 controller does not support access to a second/ expansion Write Status byte
Table 5. SPI Flash Instruction OpCode and Access Profile Compatibility Requirements
SPI FLASH COMMAND
FIRST BYTE
(OPCODE)
SECOND
BYTE
THIRD BYTE
FOURTH BYTE
FIFTH BYTE
SIXTH BYTE
Fast READ (1 Output)
0x0B
ADDRS(0)
ADDRS(1)
ADDRS(2)
dummy
DATA(0)(1)
Read status
0x05
n/a
n/a
STATUS(0)
Write status
0x01
STATUS(0)
(2)
Write enable
0x06
Page program
0x02
ADDRS(0)
ADDRS(1)
ADDRS(2)
DATA(0)(1)
Sector erase (4KB)
0x20
ADDRS(0)
ADDRS(1)
ADDRS(2)
device erase
0xC7
(1)
The timing values are related to the specification of the flash device itself, not the DLPC3470 controller .
(2)
The DLPC3470 controller does not drive the HOLD or WP (active low write protect) pins on the flash device, and thus these pins should
be tied to a logic high on the PCB through an external pullup.
The specific and timing compatibility requirements for a DLPC3470 controller compatible flash are listed in
Table 6 and Table 7.
Table 6. SPI Flash Key Timing Parameter Compatibility Requirements(1)(2)
SPI FLASH TIMING PARAMETER
SYMBOL
ALTERNATE SYMBOL
MIN
MAX
UNIT
Access frequency
(all commands)
FR
fC
≤1.42
MHz
device select high time (also called device select
deselect time)
tSHSL
tCSH
≤200
ns
Output hold time
tCLQX
tHO
≥0
ns
Clock low to output valid time
tCLQV
tV
≤ 11
ns
Data in set-up time
tDVCH
tDSU
≤5
ns
Data in hold time
tCHDX
tDH
≤5
ns
(1)
The flash supply voltage must match VCC_FLSH on the DLPC3470 controller . Special attention needs to be paid when ordering
devices to be sure the desired supply voltage is attained as multiple voltage options are often available under the same base part
number.
(2)
Beware when considering Numonyx (Micron) serial flash devices as they typically do not have the 4KB sector size needed to be
DLPC3470 controller compatible.
(3)
All of these flash devices appear compatible with the DLPC3470 controller , but only those marked with yes in the DVT column have
been validated on the EVM reference design. Those marked with no can be used at the ODM’s own risk.
The DLPC3470 controller supports 1.8-, 2.5-, or 3.3-V serial flash devices. To do so, VCC_FLSH must be
supplied with the corresponding voltage. Table 7 contains a list of 1.8-, 2.5-, and 3.3-V compatible SPI serial
flash devices supported by DLPC3470 controller .
Table 7. DLPC3470 controller Compatible SPI Flash Device Options(1) (2)
DVT(3)
DENSITY (Mb)
VENDOR
PART NUMBER
PACKAGE SIZE
1.8-V COMPATIBLE DEVICES
Yes
4 Mb
Winbond
W25Q40BWUXIG
2 × 3 mm USON
Yes
4 Mb
Macronix
MX25U4033EBAI-12G
1.43 × 1.94 mm WLCSP
Yes
8 Mb
Macronix
MX25U8033EBAI-12G
1.68 × 1.99 mm WLCSP
2.5- OR 3.3-V COMPATIBLE DEVICES
Yes
16 Mb
Winbond
W25Q16CLZPIG
5 × 6 mm WSON
Yes
32 Mb
Winbond
W25Q32FVSSIG
5.2 x 7.9 mm SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com