Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 29Page - Texas Instruments DLPC3470 Datasheet HTML 30Page - Texas Instruments DLPC3470 Datasheet HTML 31Page - Texas Instruments DLPC3470 Datasheet HTML 32Page - Texas Instruments DLPC3470 Datasheet HTML 33Page - Texas Instruments DLPC3470 Datasheet HTML 34Page - Texas Instruments DLPC3470 Datasheet HTML 35Page - Texas Instruments DLPC3470 Datasheet HTML 36Page - Texas Instruments DLPC3470 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
VSYNC
Parallel Input
Displayed Pattern
[Frame N]
PDATA 7:0
Illuminator
Trigger Out 1
(Frame Trigger)
Trigger Out 2
(Sub-frame Trigger)
[Frame N]
PDATA 15:8
[Frame N]
PDATA 23:16
[Frame N+1] PDATA 23:0
[Frame N+2] PDATA 23:0
[Frame N+1]
PDATA 7:0
[Frame N+1]
PDATA 15:8
[Frame N+1]
PDATA 23:16
tD1
tD2
tD2
tD2
tD2
tD1
tD2
tD2
33%
33%
33%
33%
33%
33%
BLUE LED
BLUE LED
BLUE LED
BLUE LED
BLUE LED
BLUE LED
33
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
tD1 is the configurable delay for the frame trigger
tD2 is the configurable delay for the sub-frame trigger
Figure 15. 3 × 8-bit (Blue) Pattern Configurations
•
3 × 8-bit patterns are displayed within each input VSYNC. Sum of dark time and exposure time for the three
patterns is always same.
•
Dark time is configured as zero and exposure time for each pattern is 33% of input frame time. Total
exposure time and dark time must be equal to input frame time.
•
Blue LED is configured to be ON for the patterns. TRIG_OUT_1. TRIG_OUT_1 is configured as edge type
and active high polarity.
•
TRIG_OUT_1 is configured as edge type and active high polarity.TRIG_OUT_1 delay (tD1) is configured with
respect to input VSYNC and is set once per input frame. TRIG_OUT_2.
•
TRIG_OUT_2 is also configured as edge type and active high polarity. TRIG_OUT_2 delay (tD2) is configured
with reference to the start of the pattern and is set once per pattern within a frame.
Figure 16 shows a configuration with 2 × 8-bit patterns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com