Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 42 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 38Page - Texas Instruments DLPC3470 Datasheet HTML 39Page - Texas Instruments DLPC3470 Datasheet HTML 40Page - Texas Instruments DLPC3470 Datasheet HTML 41Page - Texas Instruments DLPC3470 Datasheet HTML 42Page - Texas Instruments DLPC3470 Datasheet HTML 43Page - Texas Instruments DLPC3470 Datasheet HTML 44Page - Texas Instruments DLPC3470 Datasheet HTML 45Page - Texas Instruments DLPC3470 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
42
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3.2.3 Serial Flash Programming
Note that the flash can be programmed through the DLPC3470 controller over I2C or by driving the SPI pins of
the flash directly while the DLPC3470 controller I/O are tri-stated. SPI0_CLK, SPI0_DOUT, and SPI0_CSZ0 I/O
can be tri-stated by holding RESETZ in a logic low state while power is applied to the DLPC3470 controller .
Note that SPI0_CSZ1 is not tri-stated by this same action.
8.3.2.4 SPI Signal Routing
The DLPC3470 controller is designed to support two SPI slave devices on the SPI0 interface, specifically, a
serial flash and the DLPA2000 device . This requires routing associated SPI signals to two locations while
attempting to operate up to 36 MHz. Take special care to ensure that reflections do not compromise signal
integrity. To this end, the following recommendations are provided:
•
The SPI0_CLK PCB signal trace from the DLPC3470 controller source to each slave device should be split
into separate routes as close to the DLPC3470 controller as possible. In addition, the SPI0_CLK trace length
to each device should be equal in total length.
•
The SPI0_DOUT PCB signal trace from the DLPC3470 controller source to each slave device should be split
into separate routes as close to the DLPC3470 controller as possible. In addition, the SPI0_DOUT trace
length to each device should be equal in total length(use the same strategy as SPI0_CLK).
•
The SPI0_DIN PCB signal trace from each slave device to the point where they intersect on their way back to
the DLPC3470 controller should be made equal in length and as short as possible. They should then share a
common trace back to the DLPC3470 controller .
•
SPI0_CSZ0 and SPI0_CSZ1 need no special treatment because they are dedicated signals which drive only
one device.
8.3.2.5 I2C Interface Performance
Both DLPC3470 controller I2C interface ports support 100-kHz baud rate. By definition, I2C transactions operate
at the speed of the slowest device on the bus, thus there is no requirement to match the speed grade of all
devices in the system.
8.3.2.6 Content-Adaptive Illumination Control
Content-adaptive illumination control (CAIC) is an image processing algorithm that takes advantage of the fact
that in common real-world image content most pixels in the images are well below full scale for the for the R, G,
and B digital channels being input to the DLPC3470 controller . As a result of this the average picture level (APL)
for the overall image is also well below full scale, and the system’s dynamic range for the collective set of pixel
values is not fully utilized. CAIC takes advantage of this headroom between the source image APL and the top of
the available dynamic range of the display system.
CAIC evaluates images frame by frame and derives three unique digital gains, one for each of the R, G, and B
color channels. During CAIC image processing, each gain is applied to all pixels in the associated color channel.
CAIC derives each color channel’s gain that is applied to all pixels in that channel so that the pixels as a group
collectively shift upward and as close to full scale as possible. To prevent any image quality degradation, the
gains are set at the point where just a few pixels in each color channel are clipped. Figure 23 and Figure 24
show an example of the application of CAIC for one color channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com