Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 32Page - Texas Instruments DLPC3470 Datasheet HTML 33Page - Texas Instruments DLPC3470 Datasheet HTML 34Page - Texas Instruments DLPC3470 Datasheet HTML 35Page - Texas Instruments DLPC3470 Datasheet HTML 36Page - Texas Instruments DLPC3470 Datasheet HTML 37Page - Texas Instruments DLPC3470 Datasheet HTML 38Page - Texas Instruments DLPC3470 Datasheet HTML 39Page - Texas Instruments DLPC3470 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
Line of Data
Copy to every line on the DMD
Copy to every column on the DMD
36
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3.1.2 Internal Pattern Mode
There are two key differences between internal and external pattern mode:
•
Internal pattern mode only supports 1D patterns i.e the pattern data is same across the entire row or column
of the DMD (Figure 19, Figure 20).
•
Internal pattern mode enables user to design a simple system by eliminating need of an external processor to
generate and send patterns every frame. In internal pattern mode one row or one column patterns are pre-
loaded in the flash memory and a command is send to DLPC3470 controller to display the patterns.
Implementation details on how to create patterns, save patterns in Flash memory and load patterns from flash
memory into the DLPC3470 controller’s internal memory are described in SW Programmers Guide.
Figure 19. Column Replication
Figure 20. Row Replication
Internal pattern mode further provides two configurations to trigger the display of patterns, free running mode,
(shown in Figure 21) and trigger in mode (shown in Figure 22).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com