Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 59 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 55Page - Texas Instruments DLPC3470 Datasheet HTML 56Page - Texas Instruments DLPC3470 Datasheet HTML 57Page - Texas Instruments DLPC3470 Datasheet HTML 58Page - Texas Instruments DLPC3470 Datasheet HTML 59Page - Texas Instruments DLPC3470 Datasheet HTML 60Page - Texas Instruments DLPC3470 Datasheet HTML 61Page - Texas Instruments DLPC3470 Datasheet HTML 62Page - Texas Instruments DLPC3470 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
59
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 12. Recommended Crystal Configuration()() (continued)
PARAMETER
RECOMMENDED
UNIT
CL1 external crystal load capacitor
See equation in Figure 36 notes
pF
CL2 external crystal load capacitor
See equation in Figure 36 notes
pF
PCB layout
A ground isolation ring around the
crystal is recommended
(1)
These crystal devices appear compatible with the DLPC3470 controller , but only those marked with yes in the DVT column have been
validated.
(2)
Crystal package sizes: 2.0 × 1.6 mm for all crystals
(3)
Operating temperature range: –30°C to +85°C for all crystals
If an external oscillator is used, then the oscillator output must drive the PLL_REFCLK_I pin on the DLPC3470
controller ASIC and the PLL_REFCLK_O pins should be left unconnected.
Table 13. DLPC3470 controller Recommended Crystal Parts(1)(2)(3)
PASSED
DVT
MANUFACTURER
PART NUMBER
SPEED
TEMPERATURE
AND AGING
ESR
LOAD
CAPACITANCE
Yes
KDS
DSX211G-24.000M-8pF-50-50
24 MHz
±50 ppm
120-
Ω max
8 pF
Yes
Murata
XRCGB24M000F0L11R0
24 MHz
±100 ppm
120-
Ω max
6 pF
Yes
NDK
NX2016SA 24M
EXS00A-CS05733
24 MHz
±145 ppm
120-
Ω max
6 pF
11.1.3 General PCB Recommendations
TI recommends 1-oz. copper planes in the PCB design to achieve needed thermal connectivity.
11.1.4 General Handling Guidelines for Unused CMOS-Type Pins
To avoid potentially damaging current caused by floating CMOS input-only pins, TI recommends that unused
ASIC input pins be tied through a pullup resistor to its associated power supply or a pulldown to ground. For
ASIC inputs with an internal pullup or pulldown resistors, it is unnecessary to add an external pullup or pulldown
unless specifically recommended. Note that internal pullup and pulldown resistors are weak and should not be
expected to drive the external line. The DLPC3470 controller implements very few internal resistors and these
are noted in the pin list. When external pullup or pulldown resistors are needed for pins that have built-in weak
pullups or pulldowns, use the value 8 kΩ (max).
Unused output-only pins should never be tied directly to power or ground, but can be left open.
When possible, TI recommends that unused bidirectional I/O pins be configured to their output state such that
the pin can be left open. If this control is not available and the pins may become an input, then they should be
pulled-up (or pulled-down) using an appropriate, dedicated resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com