Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 31 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 27Page - Texas Instruments DLPC3470 Datasheet HTML 28Page - Texas Instruments DLPC3470 Datasheet HTML 29Page - Texas Instruments DLPC3470 Datasheet HTML 30Page - Texas Instruments DLPC3470 Datasheet HTML 31Page - Texas Instruments DLPC3470 Datasheet HTML 32Page - Texas Instruments DLPC3470 Datasheet HTML 33Page - Texas Instruments DLPC3470 Datasheet HTML 34Page - Texas Instruments DLPC3470 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
Input
Control
Processing
Test
Pattern
Generator
Splash
Screen
/20
/5
/24
Parallel Video
CPU
BT656 Port
Arm
® Cortex®-M3
Processor
128 KB I/D Memory
JTAG
I2C_0
SPI_0
GPIO
SPI_1
I2C_1
WPC Control
LED Control
Other options
SRAM (Frame Memory)
Real Time
Control System
Clocks and Reset
Generation
DLP
® Subsystem
Display Formatting
DMD Interface
Video Processing
x Chroma Interpolation
x Color Space Conversion
x Brightness Enhancement
x Dynamic Scaling
x Gamma Correction
x Image Format Processing
x Contrast Adjust
x Color Correction
x CAIC Processing
x Blue Noise STM
x Power Saving Operations
Clock (Crystal)
Reset Control
DMD_HS_CLK(LVDS)
DMD_HS_DATA(A)(LVDS)
DMD_HS_DATA(B)(LVDS)
DMD_HS_DATA(C)(LVDS)
DMD_HS_DATA(D)(LVDS)
DMD_HS_DATA(E)(LVDS)
DMD_HS_DATA(F)(LVDS)
DMD_HS_DATA(G)(LVDS)
DMD_HS_DATA(H)(LVDS)
DMD_LS_CLK
DMD_LS_WDATA
DMD_LS_RDATA
DMD_DEN_ARSTZ
31
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The DLPC3470 controller is one component of a device set that comprises the DLPC3470 controller, the
DLP2010/DLP2010NIR (.2 WVGA) DMD, and the DLPA2000 PMIC/LED driver. All three components of the
device set must be used together for reliable operation of the DLP2010/DLP2010NIR (.2 WVGA) DMD. The
DLPC3470 controller provides a convenient interface between user electronics and the DMD to display data and
steer light patterns with high speed, precision, and efficiency.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com