Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 23Page - Texas Instruments DLPC3470 Datasheet HTML 24Page - Texas Instruments DLPC3470 Datasheet HTML 25Page - Texas Instruments DLPC3470 Datasheet HTML 26Page - Texas Instruments DLPC3470 Datasheet HTML 27Page - Texas Instruments DLPC3470 Datasheet HTML 28Page - Texas Instruments DLPC3470 Datasheet HTML 29Page - Texas Instruments DLPC3470 Datasheet HTML 30Page - Texas Instruments DLPC3470 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
500 ms (max)
0 ms (min)
(INIT_BUSY)
HOST_IRQ
(with external pullup)
RESETZ
t1 t2
27
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Parameter Measurement Information
7.1 HOST_IRQ Usage Model
•
While reset is applied HOST_IRQ will reset to tri-state (an external pullup pulls the line high).
•
HOST_IRQ remains in tri-state (pulled high externally) until the microprocessor boot completes. While the
signal is pulled high, this indicates that the ASIC is performing boot-up and auto-initialization.
•
As soon as possible after boot-up, the microprocessor drives HOST_IRQ to a logic high state to indicate that
the ASIC is continuing to perform auto-initialization (no real state change occurs on the external signal)
•
Upon completion of auto-initialization, software sets HOST_IRQ to a logic low state to indicate the completion
of auto-initialization. (At the falling edge, the system enters the INIT_DONE state.)
•
The 500-ms maximum from the rising edge of RESETZ to the falling edge of HOST_IRQ may become longer
than 500 ms if many commands are added to the autoinit batch file in flash which automatically runs at power
up. (see Figure 7)
t1 is the first falling edge of HOST_IRQ, At this point the auto-initiation sequence is complete.
t2 is where HOST_IRQ goes low. Ensure that I2C interface to the device does not begin until this point (within 500 ms
of the release of RESETZ)
Figure 7. Host IRQ Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com