Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 9Page - Texas Instruments DLPC3470 Datasheet HTML 10Page - Texas Instruments DLPC3470 Datasheet HTML 11Page - Texas Instruments DLPC3470 Datasheet HTML 12Page - Texas Instruments DLPC3470 Datasheet HTML 13Page - Texas Instruments DLPC3470 Datasheet HTML 14Page - Texas Instruments DLPC3470 Datasheet HTML 15Page - Texas Instruments DLPC3470 Datasheet HTML 16Page - Texas Instruments DLPC3470 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
13
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions – Clock and PLL Support
PIN
I/O
DESCRIPTION
NAME
NUMBER
PLL_REFCLK_I
H1
I11
Reference clock crystal input. If an external oscillator is used in place of a crystal, then this pin
should be used as the oscillator input.
PLL_REFCLK_O
J1
O5
Reference clock crystal return. If an external oscillator is used in place of a crystal, then this pin
should be left unconnected (that is floating with no added capacitive load).
(1)
The only power sequencing restrictions are:
(a) The VDD supply should ramp up with a 1-ms maximum rise time.
(b) The reverse is needed at power down.
Pin Functions – Power and Ground(1)
PIN
I/O
DESCRIPTION
NAME
NUMBER
VDD
C5, D5, D7, D12, J4, J12, K3, L4, L12, M6,
M9, D9, D13, F13, H13, L13, M10, D3, E3
PWR
Core power 1.1 V (main 1.1 V)
VDDLP12
C3
PWR
Reserved
VSS
Common to all package types
C4, D6, D8, D10, E4, E13, F4, G4, G12, H4,
H12, J3, J13, K4, K12, L3, M4, M5, M8, M12,
G13, C6, C8
Only available on DLPC3470 controller
F6, F7, F8, F9, F10, G6, G7, G8, G9, G10,
H6, H7, H8, H9, H10, J6, J7, J8, J9, J10, K6,
K7, K8, K9, K10
GND
Core ground (eDRAM, I/O ground, thermal ground)
VCC18
C7, C9, D4, E12, F12, K13, M11
PWR
All 1.8-V I/O power:
(1.8-V power supply for all I/O other than the host or parallel
interface and the SPI flash interface. This includes RESETZ,
PARKZ LED_SEL, CMP, GPIO, IIC1, TSTPT, and JTAG pins)
VCC_INTF
M3, M7, N3, N7
PWR
Host or parallel interface I/O power: 1.8 to 3.3 V (Includes IIC0,
PDATA, video syncs, and HOST_IRQ pins)
VCC_FLSH
D11
PWR
Flash interface I/O power:1.8 to 3.3 V
(Dedicated SPI0 power pin)
VDD_PLLM
H2
PWR
MCG PLL 1.1-V power
VSS_PLLM
G3
RTN
MCG PLL return
VDD_PLLD
J2
PWR
DCG PLL 1.1-V power
VSS_PLLD
H3
RTN
DCG PLL return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com