Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 13Page - Texas Instruments DLPC3470 Datasheet HTML 14Page - Texas Instruments DLPC3470 Datasheet HTML 15Page - Texas Instruments DLPC3470 Datasheet HTML 16Page - Texas Instruments DLPC3470 Datasheet HTML 17Page - Texas Instruments DLPC3470 Datasheet HTML 18Page - Texas Instruments DLPC3470 Datasheet HTML 19Page - Texas Instruments DLPC3470 Datasheet HTML 20Page - Texas Instruments DLPC3470 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
17
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Assumes 12.5% activity factor, 30% clock gating on appropriate domains, and mixed SVT or HVT cells
(2)
Programmable host and flash I/O are at minimum voltage (that is 1.8 V) for this typical scenario.
(3)
Max currents column use typical motion video as the input. The typical currents column uses SMPTE color bars as the input.
(4)
Some applications (that is, high-resolution 3D) may be forced to use 1-oz copper to manage ASIC package heat.
(5)
Assumes typical case power PVT condition = nominal process, typical voltage, typical temperature (55°C junction). WVGA resolution.
(6)
Input image is 854 × 480 (WVGA) 24-bits on the parallel interface at the frame rate shown with 0.2-inch WVGA DMD.
(7)
In normal mode
(8)
Assumes worse case power PVT condition = corner process, high voltage, high temperature (105°C junction), WVGA resolution
6.5 Electrical Characteristics over Recommended Operating Conditions
see
(1) (2) (3) (4) (5) (6)
PARAMETER
TEST CONDITIONS(7)
MIN
TYP(5)(6) MAX(8)(6)
UNIT
V(VDD) +
V(VDDLP12)
Core current 1.1 V (main 1.1 V)
IDLE disabled, WVGA, 60 Hz
106
232.2
mA
IDLE enabled, WVGA, 60 Hz
81
IDLE disabled, WVGA, 120 Hz
252.9
V(VDD_PLLM)
MCG PLL 1.1-V current
IDLE disabled, WVGA, 60 Hz
3
6
mA
IDLE enabled, WVGA, 60 Hz
2
IDLE disabled, WVGA, 120 Hz
6
V(VDD_PLLD)
DCG PLL 1.1-V current
IDLE disabled, WVGA, 60 Hz
3
6
mA
IDLE enabled, WVGA, 60 Hz
2
IDLE disabled, WVGA, 120 Hz
6
V(VCC18)
All 1.8-V I/O current:
(1.8-V power supply for all I/O other than
the host or parallel interface and the SPI
flash interface. This includes sub-LVDS
DMD I/O, RESETZ, PARKZ LED_SEL,
CMP, GPIO, IIC1, TSTPT, and JTAG
pins)
IDLE disabled, WVGA, 60 Hz
7.8
9.6
mA
IDLE enabled, WVGA, 60 Hz
IDLE disabled, WVGA, 120 Hz
10.25
12.62
V(VCC_INTF)
Host or parallel interface I/O current: 1.8
to 3.3 V (includes IIC0, PDATA, video
syncs, and HOST_IRQ pins)
IDLE disabled, WVGA, 60 Hz
1.1
1.5
mA
IDLE disabled, WVGA, 120 Hz
1.22
1.5
V(VCC_FLSH)
Flash interface I/O current:1.8 to 3.3 V
IDLE disabled, WVGA, 60 Hz
0.6
1.01
mA
IDLE disabled, WVGA, 120 Hz
0.82
1.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com