Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 55 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 51Page - Texas Instruments DLPC3470 Datasheet HTML 52Page - Texas Instruments DLPC3470 Datasheet HTML 53Page - Texas Instruments DLPC3470 Datasheet HTML 54Page - Texas Instruments DLPC3470 Datasheet HTML 55Page - Texas Instruments DLPC3470 Datasheet HTML 56Page - Texas Instruments DLPC3470 Datasheet HTML 57Page - Texas Instruments DLPC3470 Datasheet HTML 58Page - Texas Instruments DLPC3470 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
500 ms Min
PLL_REFCLK may be active
before power is applied.
HOST_IRQ is driven high when
power and RESETZ are applied to
indicate the controller is not ready for
operation, and then is driven low after
initialization is complete.
0 µs Min
0 µs
Max
PARKZ must be set low a
minimum of 32 µs before any
power is removed (except
VDDLP12), before PLL_REFCLK
is stopped and before RESETZ is
asserted low to allow time for the
DMD mirrors to be parked.
0 µs Min
5 ms Min
PLL_REFCLK must become stable within
5 ms of all power being applied (for
external oscillator application this is
oscillator dependent and for crystal
applications this is crystal and ASIC
oscillator cell dependent).
I2C access can start immediately
after HOST_IRQ goes low (this
should occur within 500 ms from the
release of RESETZ)
HOST_IRQ is pulled high
immediately after RESETZ is
asserted low.
PARKZ
PLL_REFCLK
RESETZ
I2C (activity)
HOST_IRQ
VDD_PLLM/D (1.1 V)
VDD (1.1 V)
VCC18 (1.8 V)
VDDLP12 (if not tied to VDD)
Point at which all supplies reach 95% of
their specified nominal values.
PARKZ must be set high a minimum
of 0 µs before RESETZ is released to
support auto-initialization.
PROJ_ON input
(GPIO_8)
VCC_INTF (1.8 to 3.3 V)
VCC_FLSH (1.8 to 3.3 V)
I2C activity should cease
immediately upon active low
assertion of PARKZ.
0 µs
Min
VCC18 must remain ON long
enough to satisfy DMD power
sequencing requirements defined
in the DLPA2000 specification.
32 µs Min
0 µs
Min
55
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
System Power-Up and Power-Down Sequence (continued)
Figure 34. DLPC3470 controller Power-Up / PARKZ = 0 Initiated Fast PARK and Power-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com