Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 48Page - Texas Instruments DLPC3470 Datasheet HTML 49Page - Texas Instruments DLPC3470 Datasheet HTML 50Page - Texas Instruments DLPC3470 Datasheet HTML 51Page - Texas Instruments DLPC3470 Datasheet HTML 52Page - Texas Instruments DLPC3470 Datasheet HTML 53Page - Texas Instruments DLPC3470 Datasheet HTML 54Page - Texas Instruments DLPC3470 Datasheet HTML 55Page - Texas Instruments DLPC3470 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
1.1 V
RESETZ
CMP_PWM
1.8 V
PROJ_ON
2.3 V to 5.5 V
INTZ
DLPA200x
PARKZ
VLED
1.1 V
1.8 V
VCORE
VIO
3
BIAS, RST, OFS
Thermistor
I2C
Microcontroller
Front End
MSP430
Tiva
HOST_IRQ
DLPC347x
eDRAM
VCC_FLSH
SPI_1
SPI_0
SYSPWR
1.8 V
Sub-LVDS DATA (18)
CTRL
VCC_INTF
1.8 V
VSPI
1.1-V
Reg
SPI
Flash
Current
Sense
RC_CHARGE
GPIO_8 (Normal Park)
Spare R/W
GPIO
Monochrome
Illumination
(1)
TRIG_IN
3DR
TSTPT_4
GPIO_7
TRIG_OUT1
TRIG_OUT2
DC Supplies
L3
L1
L2
SPI(4)
CMP_OUT
LED_SEL(2)
Illumination
Optics
Illuminator
Focus
stepper
motor
Focus motor position sensor
PROJ_ON
WVGA
DDR DMD
DLP2010/
DLP2010
(NIR)
Included in DLP® Chip Set
Non-DLP components
52
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
(1)
Options to elect different LEDs, but only 1 channel used at a time
Figure 32. Internal Pattern Streaming Mode
9.2.2.1 Design Requirements
The design requirements for the 3D Depth capture system using Internal Pattern Streaming Mode is identical to
the design procedure for the 3D Depth capture system External Pattern Streaming Mode. (See the Design
Requirements section.)
9.2.2.2 Detailed Design Procedure
The design procedure for the 3D Depth Sensor DLP Using Internal Pattern Streaming Mode is identical to the
design procedure for the 3D Depth Sensor DLP Using External Pattern Streaming Mode. (See the Detailed
Design Procedure section.)
9.2.2.3 Application Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com