Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 22Page - Texas Instruments DLPC3470 Datasheet HTML 23Page - Texas Instruments DLPC3470 Datasheet HTML 24Page - Texas Instruments DLPC3470 Datasheet HTML 25Page - Texas Instruments DLPC3470 Datasheet HTML 26Page - Texas Instruments DLPC3470 Datasheet HTML 27Page - Texas Instruments DLPC3470 Datasheet HTML 28Page - Texas Instruments DLPC3470 Datasheet HTML 29Page - Texas Instruments DLPC3470 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
SPI_CLK
(ASIC Output)
SPI_DIN
(ASIC Inputs)
SPI_DOUT, SPI_CS(1:0)
(ASIC Outputs)
tp_h
tclkper
twh
twl
tp_su
tp_clqx
tp_clqv
26
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Standard SPI protocol is to transmit data on the falling edge of SPI_CLK and capture data on the rising edge. The DLPC3470 controller
does transmit data on the falling edge, but it also captures data on the falling edge rather than the rising edge. This provides support for
SPI devices with long clock-to-Q timing. DLPC3470 controller hold capture timing has been set to facilitate reliable operation with
standard external SPI protocol devices.
(2)
With the above output timing, DLPC3470 controller provides the external SPI device 8.2-ns input set-up and 8.2-ns input hold, relative to
the rising edge of SPI_CLK.
(3)
This range include the 200 ppm of the external oscillator (but no jitter).
6.15 Flash Interface Timing Requirements
The DLPC3470 controller ASIC flash memory interface consists of a SPI flash serial interface with a programmable clock
rate. The DLPC3470 controller can support 1- to 16-Mb flash memories.
(1) (2)
MIN
MAX
UNIT
fclock
Clock frequency, SPI_CLK
See (3)
1.42
36.0
MHz
tp_clkper
Clock period, SPI_CLK
50% reference points
704
27.7
ns
tp_wh
Pulse duration low, SPI_CLK
50% reference points
352
ns
tp_wl
Pulse duration high, SPI_CLK
50% reference points
352
ns
tt
Transition time – all signals
20% to 80% reference
points
0.2
3.0
ns
tp_su
Setup time – SPI_DIN valid before SPI_CLK falling
edge
50% reference points
10.0
ns
tp_h
Hold time – SPI_DIN valid after SPI_CLK falling edge
50% reference points
0.0
ns
tp_clqv
SPI_CLK clock falling edge to output valid time –
SPI_DOUT and SPI_CSZ
50% reference points
1.0
ns
tp_clqx
SPI_CLK clock falling edge output hold time –
SPI_DOUT and SPI_CSZ
50% reference points
–3.0
3.0
ns
Figure 6. Flash Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com